Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 38 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 38 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 34Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 35Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 36Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 37Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 38Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 39Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 40Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 41Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 42Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 275 page
background image
MT9072
Data Sheet
38
Zarlink Semiconductor Inc.
2.0
Overview
The MT9072 is an eight port (octal) framing device that can be software configured for T1, E1 or J1 operation. Each
of the eight framers can be independently timed and controlled. Each framer features one embedded HDLC
(High-level Data Link Controller) that can be assigned to the maintenance channel or to any other channel.
2.1
Standards Compliance
In T1 mode, the MT9072 meets or supports the latest recommendations including AT&T PUB43801, TR-62411,
ANSI T1.102, T1.403 and T1.408. It also supports Telcordia GR-303-CORE. In T1 ESF mode the CRC-6
calculation and yellow alarm can be configured to meet the requirements of a J1 interface.
In E1 mode, the MT9072 meets or supports the latest ITU-T Recommendations for PCM30 and ISDN primary rate
including G.703, G.704, G.706, G.732, G.775, G.796, G.823, G.965 (V5.2) and I.431. It also meets or supports ETSI
TBR4, TBR13, ETS 300 233, and ETS 300 347 (V5.2).
2.2
Microprocessor Port
A 16-bit parallel Motorola or Intel non-multiplexed microprocessor interface is used to access the control and status
registers.
2.3
Interface to the Physical Layer Device
On the line side the MT9072 framers interface to physical layer devices (typically LIUs) using a Return to Zero (RZ)
or Non Return to Zero (NRZ) protocol. The data can be single rail or dual rail with several T1 and E1 line coding
options available.
In T1 mode, the receive and transmit paths each include a two-frame slip buffer. The transmit slip buffer features
programmable delay and it serves as a rate converter between the ST-BUS and the 1.544 Mbit/s T1 line rate.
In E1 mode, the receive path includes a two-frame slip buffer.
2.4
Interface to the System Backplane
On the system side the MT9072 framers can interface to a 2.048 Mbit/s or 8.192 Mbit/s ST-BUS backplane, or a
2.048 Mbit/s GCI backplane.
There is an IMA (Inverse MUX for ATM) mode for IMA applications, this enables the framer to interface to a
1.544 Mbit/s (T1) or 2.048 Mbit/s (E1) serial bus with asynchronous transmit and receive timing.
2.5
Framing Modes
The MT9072 framers operate in termination mode or transparent mode. In the receive transparent mode, the
received line data is channelled to the DSTo pin with arbitrary frame alignment. In the transmit transparent mode,
no framing or signaling is imposed on the data transmitted from the DSTi pin onto the line.
In T1 mode the framers operate in any of the following framing modes: D4, Extended Superframe (ESF) or T1DM.
In E1 mode the framers run three framing algorithms: basic frame alignment, signalling multiframe alignment and
CRC-4 multiframe alignment. The Remote Alarm Indication (RAI) bit is automatically controlled by an internal state
machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com