Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 43 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 43 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 39Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 40Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 41Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 42Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 43Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 45Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 46Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 47Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 275 page
background image
MT9072
Data Sheet
43
Zarlink Semiconductor Inc.
4.0
PCM30 Interface (E1)
4.1
E1 Interface to the System Backplane
PCM30 (E1) basic frames are 256 bits long and are transmitted at a frame repetition rate of 8000 Hz, which results
in an aggregate bit rate of 256 bits x 8000/sec = 2.048 Mbits/sec. The actual bit rate is 2.048 Mbit/s +/-50 ppm
encoded in HDB3 (High Density Bipolar 3) format. Basic frames are divided into 32 timeslots numbered 0 to 31, see
Figure 6. Each timeslot is 8 bits in length and is transmitted most significant bit first (numbered bit 1). This results in
a single timeslot data rate of 8 bits x 8000/sec. = 64 kbit/s.
It should be noted that the Zarlink ST-BUS also has 32 channels numbered 0 to 31, but the most significant bit of an
eight bit channel is numbered bit 7, see Figure 5. Therefore, ST-BUS bit 7 is synonymous with PCM30 bit 1; bit 6
with bit 2: and so on, see Zarlink Application Note MSAN-126 for more details on the ST-BUS.
Tables 4 and 5 show the mapping between the ST-BUS channels and the PCM30 timeslots.
When the device is in IMA (Inverse Mux for ATM) mode the mapping between the ST-BUS Channels and the
PCM30 timeslots is according to Table 4.
PCM30 timeslot 0 is reserved for basic frame alignment, CRC-4 multiframe alignment and the communication of
maintenance information (facility data link). In most configurations timeslot 16 is reserved for either Channel
Associated Signaling (CAS or ABCD bit signaling) or Common Channel Signaling (CCS). For V5.2 applications,
timeslots 15, 16 and 31 may be used for CCS. The remaining timeslots are called channels and carry either PCM
encoded voice signals or digital data. Channel alignment and bit numbering is consistent with timeslot alignment
and bit numbering. However, channels are numbered 1 to 30 and relate to timeslots as per Table 6.
PCM30 Timeslots
0
1
2
3
4
56789
10
11
12
13
14
15
ST-BUS Channels
(DSTi/o and CSTi/o)
0
1
2
3
4
56789
10
11
12
13
14
15
PCM30 Timeslots
16
17
18
19
20
21
22
23
24252627282930
31
ST-BUS Channels
(DSTi/o and CSTi/o)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Table 4 - ST-BUS Channel vs. PCM30 Timeslot for 2.048 Mbit/s DST/CST Streams (E1)
PCM30 Timeslots
0
1
234
56
7
8
9
101112
13
14
15
ST-BUS
F0/4
Chan(DSTi/o F1/5
and CSTi/o) F2/6
F3/7
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
PCM30 Timeslots
1617181920
21
2223
24
25
26
27
28
29
30
31
ST-BUS
F0/4
Chan(DSTi/o F1/5
and CSTi/o) F2/6
F3/7
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
Table 5 - ST-BUS Channel vs. PCM30 Timeslot Relationship for 8.192 Mbit/s DST/CST Streams (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com