Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 84 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 84 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 80Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 81Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 82Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 83Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 84Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 85Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 86Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 87Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 88Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 275 page
background image
MT9072
Data Sheet
84
Zarlink Semiconductor Inc.
12.2
T1 In Band Loopback Codes
T1.403 defines SF mode line loopback activate and deactivate codes. These codes are either a framed or
unframed repeating bit sequence of 00001 for activation or 001 for deactivation. The standard goes on to say that
these codes will persist for five seconds or more before the loopback action is taken. The MT9072 will detect both
framed and unframed line activate and de-activate codes even in the presence of a BER of 3 x 10-3. Line Loopback
Disable Detect - LLDD - in the Alarm Status Word (Y10) will be asserted when a repeating 001 pattern (either
framed or unframed) has persisted for 48 milliseconds. Line Loopback Enable Detect LLED in the Alarm Status
Word will be asserted when a repeating 00001 pattern (either framed or unframed) has persisted for 48
milliseconds.
Other loopup and loopdown codes can be selected by writing to Transmit Loop Activate and Loop Deactivate Code
registers(Y0D and Y0E).
The selection of the expected received loopup and loopdown code is done by writing to registers Receive Loopup
Code and Receive Loop Deactivate Code Match registers(Y0F and YF0).
Interrupt status bits LLEDI and LLDDI will be set upon detection of inband loopup or loopdown codes respectively.
Maskable interrupts can be generated by disabling the mask bits in Receive line status and Timer mask (Y45 bit 5).
Register
Address
Register
Description
Y05
Loopback Control
This register contains the loopbacks within the framer.
Y90-YAF
Per Channel Control
RTSL and LTSL are per channel loopbacks.
904
Framer Loopback Global Register This register contains framer to framer loopbacks.
Table 38 - Registers Related to Loopbacks (T1)
Register
Address
Register
Description
Y02
Transmit Alarm Control
If the SO bit is set, there will be framed loop codes, otherwise they will be
unframed.
Y05
Loopback Control
Setting TLU or TLD will cause the transmitter to start sending the
appropriate loopup and loopdown code.
Y0D
Transmit Loop Activate
Code
This register contains the loop activate code which will be sent on the Tx
PCM stream when TLU is set. It also contains 2 bits for code length.
Y0E
Transmit Loop Deactivate
Code
This register contains the loop deactivate code which will be sent on the
Tx PCM stream when TLD is set. It also contains 2 bits for code length.
Y0F
Receive Loop Activate
Code Match
This register contains the loop activate code which will cause an interrupt
if received on the RX PCM stream. It also contains 2 bits for code length.
YF0
Receive Loop Deactivate
Code Match
This register contains the loop deactivate code which we are looking for
on the RX PCM stream. It also contains 2 bits for code length.
Y10
Synchronization and
Alarm Status
LLED and LLDD will be high when their respective loop codes are
detected in the match registers.
Table 39 - Registers Related to In Band Loopbacks (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com