Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 66 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 66 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 62Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 63Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 64Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 65Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 66Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 67Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 68Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 69Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 70Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 275 page
background image
MT9072
Data Sheet
66
Zarlink Semiconductor Inc.
Y-bit is zero; when CAS multiframing is not acquired, the transmit Y-bit is one. Refer to ITU-T G.704 and G.732 for
more details on CAS multiframing requirements. Registers related to configuration and observation of the CAS
signaling are shown in Table 23.
.
Timeslot 16 of the remaining 15 basic frames of the CAS multiframe (i.e., basic frames 1 to 15) is reserved for the
ABCD signaling bits for the 30 payload channels. The most significant nibbles are reserved for channels 1 to 15 and
the least significant nibbles are reserved for channels 16 to 30. That is, timeslot 16 of basic frame 1 has ABCD for
channel 1 and 16, timeslot 16 of basic frame 2 has ABCD for channel 2 and 17, through to timeslot 16 of basic
frame 15 has ABCD for channel 15 and 30. See Table 24. Note that the ABCD bits for TS1 to TS15 should not be
0000 to prevent mimic of the multiframe alignment signal(0000).
Register
Address
Register
Description
900
Global Control 0
CK1 determines an 8.192 Mbits stream or a 2.048 Mbits stream.
STBUS selects a GCI or ST-BUS CSTi, CSTo streams.
Y00
Alarm and Framing Control
Register
Ensure that TAIS16 is off, the signaling information in CAS cannot be
sent if TAIS16 is on. Also signaling is not supported in IMA mode.
Y02
Interrupt and IO Control
Register
If CSTo is to contain the signaling nibbles set CSTOE to 1 and RXCO to
1.
Y03
DL,CCS,CAS and other
Control Register
RXTRS which sets the receiver in a transparent mode has to be turned
off.
Y04
Signaling Interrupt Period
Register
Bit 0 and 1 of this register determine the period of the interrupt CASRI.
The period is selectable from 2 msec 8 msec and 16 msec.
Y05
CAS Control and Data
Register
If RFL is set the receive signaling is frozen due to synchronization loss.
If debounce is selected a 14 msec debounce is applied before the
signaling is available in the csto or receive CAS register.
Y06
HDLC and CCS ST-BUS
Control Register
TS31E, TS15E and TS16E have to be off since Common Channel
signaling and CAS are mutually exclusive.
Y10
Synchronization and CRC-4
Remote Status.
MSYNC has to be low for the signaling in the Receive CAS Registers
or CSTO has valid data.
Y26
CAS, National, CRC-4 Local
and Timer Latch Status
The bit CASRL reflects the signaling changes on the receive CAS.
Y36
CAS, national, CRC-4 Local
and Timer Interrupt Status
The CASRI will be set if a signaling Interrupt has occurred. The period
of the interrupt is controlled by the signaling Interrupt Period
Register(Y04).
Y46
National Interrupt Mask
Register
The bit CASRM can be used to mask interrupts from the receive
signaling changes.
Y51-Y6F Per Channel Transmit
Signaling
The clear channel bit can be used to block insertion of signaling in the
transmit direction. The CASS bit can be used to determine the source
of the transmit signaling, which is either the CSTi or the transmit
signaling ram.
Y90 to
YAF
Per Channel Timeslot
Control Register
The CASS bit determines the source of the transmit signaling which is
either the ST-BUS or the transmit signaling registers(Y51 to Y60).
Table 23 - Registers Related to CAS Signaling (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com