Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 75 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 75 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 71Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 72Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 73Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 74Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 75Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 76Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 77Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 78Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 79Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 275 page
background image
MT9072
Data Sheet
75
Zarlink Semiconductor Inc.
9.1.8
HDLC Transmitter
Following initialization and enabling, the transmitter is in the Idle Channel state (Mark Idle), continuously sending
ones. Interframe Time Fill state (Flag Idle) is selected by setting the MI bit in register YF2 high1. The Transmitter
remains in either of these two states until data is written to the Tx FIFO. YF2 bits EOP (end of packet) and FA
(Frame Abort) are set as status bits before the microprocessor loads 8 bits of data into the 10 bit wide FIFO (8 bits
data and 2 bits status). To change the tag bits being loaded in the FIFO, HDLC Master Control must be written to
before writing to the FIFO. However, EOP and FA are reset after writing to the TX FIFO. The Transmit Byte Count
Register(YF6) may also be used to tag an end of packet. The register is loaded with the number of bytes in the
packet and decrements after every write to the Tx FIFO. When a count of one is reached, the next byte written to
the FIFO is tagged as an end of packet. The register may be made to cycle through the same count if the packets
are of the same length by setting HDLC Master Control bit Cycle.
If the transmitter is in the Idle Channel state when data is written to the Tx FIFO, then an opening flag is sent and
data from Tx FIFO follows. Otherwise, data bytes are transmitted as soon as the current flag byte has been sent. Tx
FIFO data bytes are continuously transmitted until either the FIFO is empty or an EOP or FA status bit is read by the
transmitter. After the last bit of the EOP byte has been transmitted, a 16-bit FCS is sent followed by a closing flag.
When multiple packets of data are loaded into Tx FIFO, only one flag is sent between packets. When the HDLC is
connected to FDL or a transmit channel
The least significant bit of the Transmit FIFO data is sent first on the serial stream.
Frame aborts (the transmission of 7F hex), are transmitted by tagging a byte previously written to the Tx FIFO.
When a byte has an FA tag, then an FA is sent instead of that tagged byte. That is, all bytes previous to but not
including that byte are sent. After a Frame Abort, the transmitter returns to the Mark Idle or Interframe Time Fill
state, depending on the state of the Mark idle control bit.
Tx FIFO underrun will occur if the FIFO empties and the last byte did not have either an EOP or FA tag. A frame
abort sequence will be sent when an underrun occurs.
Below is an example of the transmission of a three byte packet (’AA’ ’03’ ’77’ hex) (Interframe time fill). TXcen can
be enabled before or after this sequence.
(a) Write’0020’hex to Control Register 1
-Mark idle bit set
(b) Write’AA’ hex to TX FIFO
-Data byte
(c) Write’03’hex to TX FIFO
-Data byte
(d) Write’01A0’ hex to Control Register 1
-TXEN; EOP; Mark idle bits set
(e) Write’77’hex to TX FIFO
-Final data byte
The transmitter may be enabled independently of the receiver. This is done by setting the TXEN bit of the Control
Register YF2. Enabling happens immediately upon writing to the register. Disabling using TXen will occur after the
completion of the transmission of the present packet; the contents of the FIFO are not cleared. Disabling will consist
of stopping the transmitter clock. The Status and Interrupt Registers may still be read and the FIFO and Control
Registers may be written to while the transmitter is disabled. The transmitted FCS may be inhibited using the Tcrci
bit of HDLC Master Control Register. In this mode the opening flag followed by the data and closing flag is sent and
zero insertion still included, but no CRC. That is, the FCS is injected by the microprocessor as part of the data field.
This is used in V.120 terminal adaptation for synchronous protocol sensitive UI frames.
1. If the MT9072A HDLC transmitter is set up in the Mark-Idle state (YF2 MI is 1) then it will occasionally (less than 1% of the
time) fail to transmit the opening flag when it is changed from the disabled state to the enabled state (YF2 TXEN changed
from 0 to1). A missing opening flag will cause the packet to be lost at the receiving end.
This problem only affects the first packet transmitted after the HDLC transmitter is enabled. Subsequent packets are
unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com