Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 46 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 46 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 42Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 43Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 45Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 46Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 47Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 48Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 49Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 50Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 275 page
background image
MT9072
Data Sheet
46
Zarlink Semiconductor Inc.
5.1.1
T1 D4 Framing
For D4 links the S-bit position contains an alternating 101010... pattern inserted into every second S-bit. These bits
are intended for determination of frame boundaries, and they are referred to as Ft bits. A separate fixed pattern,
repeating every superframe, is interleaved with the Ft bits. This fixed pattern (001110) is used to delineate the 12
frame superframe. These bits are referred to as the Fs bits. In D4 frames # 6 and #12, the LSB of each channel
byte may be replaced with A bit (frame #6) and B bit (frame #12) signaling information. See Table 8.
5.1.2
T1 ESF Framing
For ESF links the 6 bit framing pattern 001011, inserted into every 4th S-bit position, is used to delineate both frame
and superframe boundaries. Frames #6, 12, 18 and 24 may contain the A, B, C and D signaling bits, respectively. A
4 kHz data link is embedded in the S-bit position, interleaved between the framing pattern sequence (FPS) and the
transmit CRC-6 remainder (from the calculation done on the previous superframe). See Table 9.
Frame #
Ft
Fs
Signaling
11
20
30
40
51
61
A
70
81
91
10
1
11
0
12
0
B
Table 8 - D4 Superframe Structure (T1)
Frame #
FPS
FDL
CRC
Signaling
1X
2CB1
3X
40
5X
6CB2
A
7X
Table 9 - ESF Superframe Structure (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com