Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 44 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 44 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 40Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 41Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 42Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 43Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 45Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 46Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 47Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 48Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 275 page
background image
MT9072
Data Sheet
44
Zarlink Semiconductor Inc.
Figure 6 - PCM30 Format (E1)
4.2
E1 Interface to the Physical Layer Device
Register control bits COD1-0 (address Y02) determine the format of the PCM30 transmit and receive signals. Three
interface formats are provided including RZ dual rail, NRZ dual rail and NRZ single rail.
RZ Dual Rail - On the Transmit side the pulse width is approximately half the duration of the PCM30 bit cell
centered around the falling edge of TXCL. On the receive side RPOS and RNEG are sampled on the falling edge of
EXCLi. Note that the T2OP bit in Register Y02 (selectable for edge sampling) has no effect in RZ mode.
NRZ Dual Rail - With this format, pulses are present for the full bit cell, which allows the set-up and hold times to be
easily met. For the receiver the sampling point can be the rising edge or the falling edge of the EXCLi clock
dependent on the CLKE bit in Register Y01. The transmitted data can be output either on the rising or falling edge
of TXCL selected by the T2OP bit. TXCL is an input in T1 mode and output in E1 mode.
NRZ Single Rail - This NRZ format is not dual rail, and therefore, only requires a single output line and a single
input line (i.e., TPOS and RPOS). The T2OP bit controls the TXCL clock edge and CLKE bit controls the
RPOS/RNEG sampling.
HDB3 - Register Control bit THDB3 (address Y02) determines the PCM30 encoding in the transmit direction. The
encoding can either be HDB3 or alternate mark inversion (AMI). The RHDB3 (address Y02) bit selects the receive
HDB3 decoding.
PCM30 Timeslot
0
1 2 3...15
16
17 18 19...31
PCM30 Voice/Data
Channels
x
1 2 3...15
x
16 17 18...30
Table 6 - PCM30 Timeslot to PCM30 Channel Relationship (E1)
FRAME
15
0
14
15
0
TIMESLOT
01
30
31
Most
Significant
Bit (First)
Least
Significant
Bit (Last)
BIT
12
3
4
56
78
FRAME
FRAME
FRAME
FRAME
TIMESLOT
TIMESLOT
TIMESLOT
BIT
BIT
BIT
BIT
BIT
BIT
BIT
2.0 ms
(8/2.048)
µs
125
µs
•• •• •• ••
•• ••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com