Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 94 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 94 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 90Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 91Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 92Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 93Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 94Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 95Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 96Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 97Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 98Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 275 page
background image
MT9072
Data Sheet
94
Zarlink Semiconductor Inc.
14.2.4
E1 Pseudo-Random Bit Sequence (PRBS) Testing
The MT9072 includes both a pseudo random bit sequence (PRBS) generator of type (215-1), and a reverse PRBS
generator (decoder), which operates on a bit sequence, and determines if it matches the transmitted PRBS type
(215-1). Bits which don’t match are counted by an internal error counter. This provides for powerful system
debugging and testing without additional external hardware.
If control bit ADSEQ (register address Y01) is zero, any transmit (internal DSTi) timeslot or combination of transmit
timeslots may be connected to the PRBS generator. Timeslot n is selected by setting the TTSTn bit in the Timeslot
n Control Register (address Y90-YAF), where n is 0 to 31. Any data sent on DSTi is overwritten on the selected
timeslots.
Similarly, if control bit ADSEQ is zero, any DSTo receive timeslot or combination of receive timeslots may be
connected to the PRBS decoder. Timeslot n is selected by setting the RRSTn bit in the Timeslot n Control Register
(register address Y90-YAF), where n is 0 to 31. Data on DSTo is not affected.
PRBS data is distributed to the transmit channels sequentially one byte at a time. Consequently, the data received
must be in the same order that it was sent, in order for the PRBS decoder to correctly operate on the data.
The number of transmit timeslots must match the number of receive timeslots, and the order of the transmit
timeslots must match the order of the receive timeslots. This will ensure that the sequential data bytes received by
the PRBS decoder are in the correct order. Consequently, particular care must be taken when using an external
loopback where the channel order may be reversed, or where the data has passed through a digital switch which
doesn’t buffer all channels to the same degree.
The PRBS decoder must have sufficient data pass through it before it begins to operate correctly, therefore, the
errors generated by the decoder immediately following start-up should be ignored.
If the PRBS testing is performed in an external loop around using Timeslot Control, then both Timeslot Control bits
TTSTn and RRSTn should also be set.
14.2.5
E1 A-law Milliwatt
If the control bit ADSEQ is one (register address Y01), the A-law digital milliwatt sequence (Table 48), defined by
G.711, is available to be transmit on any combination of selected channels. The channels are selected by setting
the TTSTn control bit (register address Y90-YAF). The same sequence is available to replace received data on any
combination of DSTo channels. This is accomplished by setting the RRSTn control bit (register address Y90-YAF)
for the corresponding channel. Note that bit 1 is the sign bit and is sent first.
PCM30 Payload Data
Hex
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
34
00110
100
21
00100
001
21
00100
001
34
00110
100
B4
10110
100
A1
10100
001
A1
10100
001
B4
10110
100
Table 48 - A-Law Digital Milliwatt Pattern (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com