Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MT9072AB Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 275 page
background image
MT9072
Data Sheet
2
Zarlink Semiconductor Inc.
MT9072 Detailed Feature Summary
Standards Compliance and Support
Access and Control
• A 16-bit parallel Motorola or Intel non-multiplexed microprocessor interface is used to access the control and
status registers
Backplane Interfaces
• 2.048 Mbit/s or 8.192 Mbit/s ST-BUS
• 2.048 Mbit/s GCI bus
• IMA (Inverse Mux for ATM) mode, 1.544 Mbit/s (T1) or 2.048 Mbit/s (E1) serial bus with asynchronous
transmit and receive timing for Inverse MUX for ATM applications.
• CSTo/CSTi pins can be used to access the receive/transmit signaling data
• RxDL pin can be used to access the entire B8ZS/HDB3 decoded receive stream including framing bits
• TxDL pin can be used to transmit data on the FDL (T1) or the Sa bits (E1)
T1/J1 Mode
E1 Mode
ANSI:
T1.102, T1.231
T1.403, T1.408
AT&T:
TR 62411, PUB43801
Telcordia:
GR-303-CORE
ITU-T:
G.802
TTC:
JT-G703, JT-G704
JT-G706
ETSI:
TBR4, TBR13
ETS 300 233, ETS 300 347 (V5.2)
ITU-T:
G.703, G.704, G.706, G.711, G.732
G.775, G.796, G.823, I.431
G.965 (V5.2)
T1/J1 Mode
E1 Mode
•
PCM24 channels 1-24 are mapped to ST-BUS
channels 0-23 respectively
•
PCM30 timeslots 0-31 are mapped to ST-BUS
channels 0-31 respectively
•
The framing-bit is mapped to ST-BUS channel
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com