Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 27 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 27 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 23Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 24Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 25Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 26Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 27Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 28Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 29Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 30Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 31Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 275 page
background image
MT9072
Data Sheet
27
Zarlink Semiconductor Inc.
11
31
51
71
91
111
135
151
F1
K3
R1
R7
T9
N15
H13
D15
TxDL[0]
TxDL[1]
TxDL[2]
TxDL[3]
TxDL[4]
TxDL[5]
TxDL[6]
TxDL[7]
I
Transmit Data Link. This pin accepts data from an external device for
the Transmit Data Link. Pins TxDL[0-7] are used for Framers[0-7]
respectively.
In T1 mode this pin accepts a 4 kbit/s serial input stream that contains
the ESF FDL (Facility Data Link) bits that are to be embedded in the
transmit data stream. The data is clocked in by the rising edge of the
clock provided at the TxDLC pin. TxDL data does not pass through the
transmit slip buffer.
In E1 mode this pin accepts a 4,8,12,16 or 20 kbit/s, as programmed
by the Datalink Control Register (Address Y08), data stream which
contains the data link national bits (timeslot 0, bits 4-8 of the NFAS
(Non-Frame Alignment Signal) frames) for transmission. The selected
data link national bits are clocked into the framer by the falling edge of
the clock provided at the TxDLC pin.
12
32
52
72
92
112
131
152
F2
K4
R2
R8
T10
N16
H14
D16
TxDLC[0]
TxDLC[1]
TxDLC[2]
TxDLC[3]
TxDLC[4]
TxDLC[5]
TxDLC[6]
TxDLC[7]
O
Transmit Data Link Clock. This pin provides a clock that is used to
clock transmit data link data out of an external device into the TxDL
pin. The TxDLC pin can also be configured as an enable signal. Pins
TxDLC[0-7] are used for Framers[0-7] respectively.
In T1 mode, this pin provides either a 4 kHz clock derived by gating
the 1.544 MHz clock provided to the TxCL pin, or it provides an enable
signal. The TxDLC pin can be configured as a clock or an enable
signal with the DLCK bit (Address Y06). Transmit data link data does
not pass through the transmit slip buffer. See Figure 47.
In E1 mode, this pin provides either a gapped 4,8,12,16 or 20 kHz
clock, as programmed by the Datalink Control Register (Address Y08),
derived by gating the 2.048 MHz clock provided to the TxCL pin, or it
provides an enable signal. The TxDLC pin can be configured as a
clock or an enable signal with the DLCK bit (Address Y08). See Figure
66.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com