Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 67 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 67 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 63Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 64Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 65Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 66Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 67Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 68Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 69Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 70Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 71Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 275 page
background image
MT9072
Data Sheet
67
Zarlink Semiconductor Inc.
8.2.2
E1 Channel Associated Signaling (CAS) Register and ST-BUS Access
The CSIG control bit (register address Y03) must be set to zero for Channel Associated signaling (CAS) operation.
Access to the ABCD transmit and receive bits may be either through ST-BUS channels 1 to 15 and channels 17 to
31 at the CSTi and CSTo pins, or through the Transmit CAS Data registers (Y51-Y6F) and Receive CAS Data
registers (Y71-Y8F) accessed by the parallel processor port, or through a mix of both methods. The timeslot control
register bits (CASS(n) address Y90-YAF) determine the source of the CAS data on a per channel basis. A zero
enables an ST-BUS source and a one enables a register source. Note that when changing the CASS(n) control bits
from ST-BUS source to register source on the fly (during normal operation as opposed to during power up), the
data in the Transmit CAS Data registers (Y51-Y6F) should be updated one frame after the timeslot control register
bits (CASS(n)) are changed. This is because the timeslot control register bits do not take effect immediately. Both
destinations of CAS data are always enabled (i.e., ST-BUS CSTo and receive data registers). ST-BUS CSTi and
CSTo channels 0 and 16 are not used.
When the CASRI interrupt is unmasked, IRQ will become active when a signaling state change is detected in any of
the 30 receive channels and a selectable 2 msec, 8 msec or 16 msec timer(Y04 bit 0,1) has expired. This function
helps to reduce the frequency of interrupts generated due to signaling changes. For instance if 7 channels had a
signaling change only one interrupt will be generated in a 2, 8 or 16 msec duration. Upon an interrupt the user has
to read the CAS registers (Y70 to Y8F) to determine the channels with a signaling change.The CASRIM interrupt
CAS
Frame
PCM30 Timeslot 16
1234
5678
Channel
Associated
signaling
(CAS)
Multiframe
(not related
to CRC-4
multiframing)
MAS - Multiframe Alignment Signal
NMAS - Non-multiframe Alignment Signal
X - Spare Bit = 1 if not used
Y - Remote Multiframe Alarm Signal
0
0000 (MAS)
XYXX (NMAS)
1
ABCD (ch 1 = ts1)
ABCD (ch 16 = ts 17)
2
ABCD (ch 2 = ts 2)
ABCD (ch 17 = ts 18)
3
ABCD (ch 3 = ts 3)
ABCD (ch 18 = ts 19)
4
ABCD (ch 4 = ts 4)
ABCD (ch 19 = ts 20)
5
ABCD (ch 5 = ts 5)
ABCD (ch 20 = ts 21)
6
ABCD (ch 6 = ts 6)
ABCD (ch 21 = ts 22)
7
ABCD (ch 7 = ts 7)
ABCD (ch 22 = ts 23)
8
ABCD (ch 8 = ts 8)
ABCD (ch 23 = ts 24)
9
ABCD (ch 9 = ts 9)
ABCD (ch 24 = ts 25)
10
ABCD (ch 10 = ts 10)
ABCD (ch 25 = ts 26)
11
ABCD (ch 11 = ts 11)
ABCD (ch 26 = ts 27)
12
ABCD (ch 12 = ts 12)
ABCD (ch 27 = ts 28)
13
ABCD (ch 13 = ts 13)
ABCD (ch 28 = ts 29)
14
ABCD (ch 14 = ts 14)
ABCD (ch 29 = ts 30)
15
ABCD (ch 15 = ts 15)
ABCD (ch 30 = ts 31)
Table 24 - Channel Associated Signaling (CAS) Multiframe Structure (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com