Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 36 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 36 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 32Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 33Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 34Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 35Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 36Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 37Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 38Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 39Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 40Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 275 page
background image
MT9072
Data Sheet
36
Zarlink Semiconductor Inc.
197
D5
IM
I
Intel / Motorola. High configures the processor interface for Intel type
of parallel non-multiplexed processors where RD and WR pins are
used. Low configures the processor interface for Motorola type of
parallel non-multiplexed processors where R/W and DS pins are used.
See Figure 28 and Figure 29.
198
C5
RESET
I
Reset. When zero, all eight framers of the MT9072 are in a reset
condition where all registers are set to their default values. When one,
all eight framers of the MT9072 operate normally where all registers
may be programmed by the external processor. A valid reset condition
requires this input to be held low for a minimum of 100 ns. This input
should be set to zero during initial power up, then set to one.
199
A5
TAIS
I
Transmit Alarm Indication Signal. When zero, all eight framers of
the MT9072 transmit an all ones signal (AIS) at the TPOS and TNEG
output pins. When one, all eight framers of the MT9072 transmit data
normally. This input is typically set to zero during initial power up, then
set to one.
200
B5
TxMF
I
Transmit Multiframe Boundary. This pin accepts a frame pulse that
sets the multiframe boundary for the framer transmitters. The device
will generate its own multiframe boundary if this pin is held high. The
TxMF pin is held high in most applications. This input is common for all
eight framers, and is enabled on a per framer basis with a control
register bit. Operation is identical in 2.048 Mbit/s and 8.192 Mbit/s
modes.
In T1 mode the frame pulse applied to this pin sets the transmitted
D4/ESF multiframe boundary. The falling edge of this frame pulse
identifies basic frame 0 on the ST-BUS data stream (DSTi). This input
is enable with control bit TxMFSEL (Address YF1). See Figure 41.
In E1 mode the frame pulse applied to this pin sets the transmitted
channel associated signaling (CAS) multiframe boundary or the
transmitted CRC-4 multiframe boundary. The falling edge of this frame
pulse identifies basic frame 0 on the ST-BUS data stream (DSTi) of the
16 frame multiframe. This input is enabled with control bit MFBE
(Address Y02). See Figure 60.
201
A4
RSV
--
This pin should be tied low.
202
B4
RSV
--
This pin should be tied low.
203
C4
RSV
--
This pin should be tied low.
204
A3
TDI
IPu Test Data Input. One of five signals (TDI, TDO, TMS, TCK & TRST)
making up the Test Access Port (TAP) of the IEEE 1149.1-1990
Standard Test Port and Boundary-Scan Architecture. The TAP
provides access to test support functions built into the MT9072. The
TAP is also referred to as a JTAG (Joint Test Action Group) port.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com