Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 70 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 70 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 66Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 67Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 68Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 69Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 70Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 71Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 72Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 73Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 74Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 275 page
background image
MT9072
Data Sheet
70
Zarlink Semiconductor Inc.
8.2.4
E1 Common Channel Signaling (CCS) Receive from PCM30 to CSTo and DSTo
The CSIG control bit (register address Y03) must be set to one for Common Channel signaling (CCS) operation.
CCS on the receive PCM30 link (bit positions one to eight of timeslots 15, 16 and/or 31 of every frame) is sourced
to the ST-BUS DSTo stream and may also be sourced to the ST-BUS CSTo stream. If the TS15E, TS16E & TS31E
control bits (register address Y06) are zero, the receive data will be sourced to the ST-BUS DSTo stream only,
timeslots 15, 16 and 31. If these bits are one, then the signaling data will be sourced to both the DSTo stream and
the ST-BUS CSTo stream. Note that any combination of the TS15E, TS16E & TS31E control bits (register address
Y06) may be enabled. The CSTo destination timeslots for the receive PCM30 timeslots 15, 16 and 31, are
determined respectively by the 15C4-15C0, 16C4-31C0 and 31C4-31C0 (register address Y07) programming bits.
Table 29 shows the detailed bit mapping of CSTo timeslots from receive PCM30 frames. Table 30 shows the
detailed bit mapping of DSTo timeslots from receive PCM30 frames.
ST-BUS CSTo
PCM30 Receive
CRC-4
Frame
Timeslot
Data Bits (B7-B0)
Timeslot
CRC-4
Frame
Data Bits (B1-B8)
all
Any one of 32
n + m(0 to 31)
P1, P2, P3, P4, P5, P6, P7, P8
15
all
P1, P2, P3, P4, P5, P6, P7, P8
all
Any one of 32
n + m(0 to 31)
P1, P2, P3, P4, P5, P6, P7, P8
16
all
P1, P2, P3, P4, P5, P6, P7, P8
all
Any one of 32
n + m(0 to 31)
P1, P2, P3, P4, P5, P6, P7, P8
31
all
P1, P2, P3, P4, P5, P6, P7, P8
Note 1. For 2.048 Mbit/s operation, m=1 and n=0.
Note 2. For 8.192 Mbit/s operation, m=4 and n =0,1,2,3 where n corresponds to the framer number (i.e., n=0=framer 0... n=3= framer
3)
Note 3. For these functions to be valid, CCS mode must be selected (CSIG=1 register address Y03) and CSTo ST-BUS mode must
be selected (TS15E=1, TS16E=1 & TS31E=1 register address Y06) and the preferred destination CSTo timeslot should be selected
(15C4-0, 16C4-0 & 31C4-0 register address Y07).
Table 29 - Receive PCM30 CCS to ST-BUS 2.048 Mbit/s or 8.192 Mbit/s CSTo (E1)
ST-BUS DSTo
PCM30 Receive
CRC-4
Frame
Timeslot
Data Bits (B7-B0)
Timeslot
CRC-4
Frame
Data Bits (B1-B8)
all
n + m(15) P1, P2, P3, P4, P5, P6, P7, P8
15
all
P1, P2, P3, P4, P5, P6, P7, P8
all
n + m(16) P1, P2, P3, P4, P5, P6, P7, P8
16
all
P1, P2, P3, P4, P5, P6, P7, P8
all
n + m(31) P1, P2, P3, P4, P5, P6, P7, P8
31
all
P1, P2, P3, P4, P5, P6, P7, P8
Note 1. For 2.048 Mbit/s operation, m=1 and n=0.
Note 2. For 8.192 Mbit/s operation, m=4 and n =0,1,2,3 where n corresponds to the framer number (i.e., n=0=framer 0... n=3= framer
3)
Note 3. For these functions to be valid, CCS mode must be selected (CSIG=1 register address Y03).
Table 30 - Receive PCM30 CCS to ST-BUS 2.048 Mbit/s or 8.192 Mbit/s DSTo (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com