Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 35 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 35 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 31Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 32Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 33Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 34Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 35Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 36Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 37Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 38Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 39Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 275 page
background image
MT9072
Data Sheet
35
Zarlink Semiconductor Inc.
163-178
A13,A14,
A15,A16,
B12,A12,
C12,D12,
A11,B11,
C11,D11,
C10,D10,
B10,A10
D0-D15
I/O Data 0 to 15. These 16 signals form the bidirectional data bus for the
non-multiplexed parallel processor interface. D15 is the most
significant bit.
181-192
B9,A9,C9,
D9,B8,C8,
A8,D8,D7,
B7,C7,A7
A0-A11
I
Address 0 to 11. These 12 signals form the input address bus for the
non-multiplexed parallel processor interface. Bits A10 and A8
determine which of the eight framers is selected for read and write
operations, bit A11 being high and A8 to A10 being low selects all
eight framers for write operations. A11 and A8 being both high and A9
being low selects global control registers. A11 is the most significant
bit.
193
A6
CS
I
Chip Select. A zero enables the read and write functions of the
MT9072 parallel processor interface; all bidirectional data bus lines
(D0-D15) will operate normally. A one disables the read and write
functions of the parallel processor interface; all bidirectional data
bus lines (D0-D15) will be in a high impedance state.
194
D6
DS
I
Data Strobe. Data Strobe for Motorola mode (I/M=0). The MT9072
reads data from the address bus (A0-A11) on the falling edge of DS;
writes data to the bidirectional data bus (D0-D15) on the falling edge
of DS (processor read); reads data from the bidirectional data bus
(D0-D15) on the falling edge of DS (processor write). DS may be
connected to CS.
D6
(RD)I
Read. Read for Intel type mode (I/M=1). The MT9072 reads data
from the address bus (A0-A11) on the falling edge of RD; writes data
to the bidirectional data bus (D0-D15) on the falling edge of RD
(processor read).
195
B6
R/W
I
Read/Write. Read and Write for Motorola mode (I/M=0). A zero sets
the MT9072 bidirectional data bus lines (D0-D15) as inputs for a
processor write. A one sets the MT9072 bidirectional data bus lines
(D0-D15) as outputs (processor read).
B6
(WR)I
Write. Write for Intel type mode (I/M=1).
The MT9072 reads data
from the address bus (A0-A11) on the falling edge of WR; reads data
from the bidirectional data bus (D0-D15) on the rising edge of WR
(processor write).
196
C6
IRQ
OH Interrupt Request. When zero, one or more of the eight framers in the
MT9072 has generated an interrupt request. When one, the MT9072
has not generated an interrupt request. IRQ is an open drain output
that should be connected to VDD through a pull-up resistor. CS can be
either high or low for this output pin to function.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com