Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 30 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 30 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 26Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 27Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 28Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 29Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 30Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 31Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 32Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 33Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 34Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 275 page
background image
MT9072
Data Sheet
30
Zarlink Semiconductor Inc.
35
55
75
115
130
155
L3
T1
T7
M15
G13
C15
DSTo[1]
DSTo[2]
DSTo[3]
DSTo[5]
DSTo[6]
DSTo[7]
O
Data ST-BUS. In 2.048 Mbit/s ST-BUS mode and IMA mode this pin is
an output for the receive side of the framer. This pin is not used in
8.192 Mbit/s ST-BUS mode. Pins DSTo[0-7] are used by Framers[0-7]
respectively.
In T1 mode, this pin outputs 2.048 Mbit/s ST-BUS data. The first 24
channels contain the 24 8-bit channels received on the PCM24
interface. Channel 31 bit 0 contains the received S-bit in D4 and ESF
modes. See Table 1.The DSTo data stream is clocked out of the
framer by the clock input to pin CKi. The DSTo pin is enabled if the
DSToEN control bit (Address YF1) is set to 1.
In T1 IMA mode, this pin outputs the 1.544 Mbit/s received serial
stream. The serial stream contains the framing bit followed by the 24
8-bit channels received on the PCM24 interface. See Table 3. In IMA
mode the DSTo data stream is clocked out of the framer by the clock
output by the RxDLC pin. The DSto pin is enabled if the DSToEN
control bit (Address YF1) is set to 1. IMA mode is selected by setting
the IMA bit (Address Y00) to 1.
In E1 mode, this pin outputs 2.048 Mbit/s ST-BUS data. The 32
channels contain the 32 channels of data received on the PCM30
interface. See Table 4 and Table 6. The DSTo data stream is clocked
out of the framer by the clock input to pin CKi. The DSTo pin is
enabled if the DSToE control bit (Address Y02) is set to 1.
In E1 IMA mode, this pin outputs the 2.048 Mbit/s received serial
stream. See Table 4 and Table 6. In IMA mode the DSTo data stream
is clocked out of the framer by the clock output by the RxDLC pin. The
DSTo pin is enabled if the DSToE control bit (Address Y02) is set to 1.
IMA mode is selected by setting the IMA bit (Address Y00) to 1.
16
96
G2
T14
CSTi[0]
CSTi[4]
I
Control ST-BUS. This pin is the signaling input for the transmit side of
the framer. In 2.048 Mbit/s ST-BUS mode it operates the same as
CSTi(1-3), it can also operate in 8.192 Mbit/s ST-BUS mode. The CSTi
data stream is clocked into the framer by the clock input to pin CKi.
This pin has no function in IMA mode.
When operated in 8.192 Mbit/s ST-BUS mode this pin accepts a data
stream containing 128 8-bit channels accommodating four framers.
See Table 2 and Table 5. The frame boundary is indicated by the FPi
inputs. Pin CSTi[0] is used by Framers[0-3] and pin CSTi[4] is used by
Framers[4-7].
The 32 ST-BUS channels mapped to each framer are treated as
described for CSTi(1-3) operating at 2.048 Mbit/s.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com