Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 82 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 82 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 78Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 79Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 80Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 81Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 82Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 83Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 84Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 85Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 86Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 275 page
background image
MT9072
Data Sheet
82
Zarlink Semiconductor Inc.
10.1.7
Multiframe Boundary (RxMF, TxMF Pins)
Dedicated multiframe boundary pins are included which provide the user the option of setting the multiframe
boundaries and identifying the multiframe boundaries with an external device. Refer to the RxMF and TxMF pin
descriptions for more details.
11.0
ST-BUS Analyzer
The ST-BUS Analyzer is a powerful system diagnostic and debugging tool. The ST-BUS Analyzer allows for the
capture of any ST-BUS data stream or channel to a 32 byte memory. The ST-BUS Analyzer can capture a single
frame of data or 32 samples of a specified channel from DSTi, DSTo, CSTi or CSTo from any one of the 8 framers.
The analysis can be performed continuously or on a single shot basis where 32 bytes are captured and then the
analysis is suspended. An optional interrupt can be generated when a single shot analysis is complete. The
operation of the ST-BUS analyzer is controlled by Global Control Register 1 (901).
12.0
Loopbacks
12.1
T1 Loopbacks
In order to meet PRI Layer 1 requirements and to assist in circuit fault sectionalization, the MT9072 has 7 loopback
functions.
The control bits for digital, remote, ST-BUS and payload loopbacks are located at address Y05. The remote and
local timeslot loopbacks are controlled through control bits of the Timeslot Control register located at addresses
Y90-YA7.
a) Digital loopback (DG Loop) - DSTi to DSTo at the PCM24 side. Bit DLBK = 0 normal; DLBK = 1 activate.
b) Payload loopback (PL Loop) - Payload loopback (DSTo to DSTi). Bit PLBK = 0 normal; PLBK = 1 activate. The
payload loopback is effectively a physical connection of DSTo to DSTi within the framer.
Note: Set RxDO (YF1 bit 9 to 1) to obtain correct data at the Tx.
c) Local and Remote Timeslot Loopback. Remote timeslot loopback control bit RTSL = 0 normal; RTSL = 1 activate
(Register Y90-YA7) will loop around transmit ST-BUS timeslots to the DSTo stream. Local timeslot loopback bits
LTSL = 0 normal; LTSL = 1 activate(Register Y90-YA7), will loop around receive PCM24 timeslots towards the
remote PCM24 end.
MT9072
Tx
DSTi
DSTo
System
PCM24
MT9072
Tx
DSTi
DSTo
System
PCM24
Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com