Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 37 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 37 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 33Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 34Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 35Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 36Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 37Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 38Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 39Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 40Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 41Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 275 page
background image
MT9072
Data Sheet
37
Zarlink Semiconductor Inc.
205
A2
TDO
OH Test Data Output. Depending on the sequence previously applied to
the TMS input, the contents of either the instruction register or data
register are serially shifted out towards the TDO. The data out of the
TDO is clocked on the falling edge of the TCK pulses. When no data is
shifted through the boundary scan cells, the TDO driver is set to a high
impedance state. See the pin description for TDI and the section on
JTAG.
206
B3
TMS
IPu Test Mode Select Input. The logic signals received at the TMS input
are interpreted by the TAP Controller to control the test operations.
The TMS signals are sampled at the rising edge of the TCK pulse.
Internally pulled up to VDD. See the pin description for TDI and the
section on JTAG.
207
B2
TCK
IPu Test Clock Input. TCK provides the clock for the test logic. The TCK
does not interfere with any on-chip clocks and thus remains
independent. The TCK permits shifting of test data into or out of the
Boundary-Scan register cells concurrently with the operation of the
device and without interfering with the on-chip logic. Internally pulled
up to VDD. See the pin description for TDI and the section on JTAG.
See Figure 30.
208
C3
TRST
IPu Test Reset. When zero, the JTAG scan structure is reset. When one,
the JTAG scan structure operates normally. Internally pulled up to
VDD. See the pin description for TDI and the section on JTAG. A valid
device reset condition requires this input to be held low for a minimum
of 100 ns. This input is should be set to zero during initial power up,
then set to one if the JTAG port is to be used, otherwise, it may be
permanently set to zero.
--
B1
RSV
--
This pin should be tied low.
Notes:
1.
All inputs are CMOS with CMOS compatible logic levels.
2.
All unused inputs should be tied low.
3.
All outputs are CMOS and are compatible with CMOS logic levels.
4.
See AC Electrical Characteristics - Timing Parameter Measurement Voltage Levels for input and output voltage thresholds.
5.
The number enclosed in parentheses following the pin name identifies the framer as follows:
[0] - framer 0, [1] - framer 1, [2] - framer 2,... [7] - framer 7
6.
The “Y” character in the register address symbolizes the upper 4 address bits (A11A10A9A8) which identify the particular framer addressed
within the MT9072 as follows:
[0] 0000 - framer 0, [1] 0001 - framer 1,... [2] 0010 - framer 2,... [7] 0111 - framer 7
[8] 1000 - all 8 framers.
7.
Pin types are as follows:
I
- input (5 V tolerant input
IP
- input with a pullup or pulldown, these are 3 V tolerant inputs.
O
- output
I/O
- input and output
OH
- output and high impedance
OD
- output open drain
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com