Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 31 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 31 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 27Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 28Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 29Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 30Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 31Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 32Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 33Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 34Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 35Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 275 page
background image
MT9072
Data Sheet
31
Zarlink Semiconductor Inc.
36
56
76
116
136
156
L4
T2
T8
M16
G14
C16
CSTi[1]
CSTi[2]
CSTi[3]
CSTi[5]
CSTi[6]
CSTi[7]
I
Control ST-BUS. In 2.048 Mbit/s ST-BUS mode this pin is the
signaling input for the transmit side of the framer. This pin has no
function in 8.192 Mbit/s ST-BUS mode or IMA mode. Pins CSTi[0-7]
are used by Framers[0-7] respectively. The CSTi data stream is
clocked into the framer by the clock input to pin CKi.
In T1 robbed bit signaling mode the first 24 ST-BUS channels contain
(XXXXABCD) signaling nibbles to be transmitted for their respective
DS0s. The least significant nibbles (bits 3-0) are valid and the most
significant nibbles of each channel are ignored.
In T1 CCS (Common Channel Signaling) mode, the CSTi pin can be
connected to the output of an external multi-channel HDLC. Any one
of the framer’s transmit timeslots can be programmed to transmit the
data appearing at the CSTi pin on any one of the first 24 ST-BUS
channels. See the descriptions of the CSIGEN control bit (Address
Y04) and the Common Channel Signaling Map Register (Address
Y0B).
In E1 CAS (Channel Associated Signaling) mode, the 32 ST-BUS
channels contain (XXXXABCD) signaling nibbles to be transmitted for
their respective timeslots. The least significant nibbles (bits 3-0) are
valid and the most significant nibbles of each channel are ignored.
See Table 25.
In E1 CCS (Common Channel Signaling) mode, the CSTi pin can be
connected to the output of an external multi-channel HDLC. The
framer’s transmit timeslots 15, 16 and 31 can each be programmed to
transmit the data appearing at the CSTi pin on any one of the 32
ST-BUS channels. See the descriptions of the CSIG control bit
(Address Y03) and the TS15E, TS16E and TS31E control bits
(Address Y06) and see Table 27.
17
97
G3
T15
CSTo(0)
CSTo[4]
OH Control ST-BUS. This pin is the signaling output for the receive side
of the framer. In 2.048 Mbit/s ST-BUS mode it operates the same as
CSTo(1-3), it can also operate in 8.192 Mbit/s ST-BUS mode. The
CSTo data stream is clocked out of the framer by the clock input to pin
CKi. This pin has no function in IMA mode.
When operated in 8.192 Mbit/s ST-BUS mode this pin outputs a data
stream containing 128 8-bit channels accommodating four framers.
See Table 2 and Table 5. The CSTo[0] pin is used by Framers [0-3]
and the CSTo[4] pin is used by Framers [4-7]. The frame boundary is
indicated by the FPi inputs. FPi[0] is used for Framers[0-3] and FPi[4]
is used for Framers[4-7].
The 32 ST-BUS channels mapped to each framer are treated as
described for CSTo(1-3) operating at 2.048 Mbit/s.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com