Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 98 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 98 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 94Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 95Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 96Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 97Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 98Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 99Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 100Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 101Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 102Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 275 page
background image
MT9072
Data Sheet
98
Zarlink Semiconductor Inc.
15.2.1
Polling Method
1. The IRQ pin goes low.
2. Read all 33 interrupt vector status registers. The bits which are set in these registers identify the source of the
interrupt. As each register is read, it is cleared (all bits set to 0). When all registers are clear, the interrupt is cleared
(the IRQ pin returns to logic high) and all sources of the interrupt are identified.
15.2.2
Vector Method
1. The IRQ pin goes low.
2. Read the interrupt vectors. These vectors identify which of the 33 (or which combination of 33) interrupt status
registers has bits which are set. Note that if multiple framers (i.e. Framer 1 and 7), or multiple conditions (i.e., Sync
and Counter Overflow) caused the interrupt, more than one register may need to be read.
3. Read the interrupt status register(s) identified in step 2. The bits which are set in these registers identify the source
of the interrupt. As each register is read, it is cleared (all bits set to 0). When all interrupt status registers are cleared,
the interrupt vector goes to zero and the IRQ pin returns to logic high.
15.3
T1 Interrupt Vector and Interrupt Source Summary
Interrupt Vector
Interrupt Vector Mask
Interrupt
Registers
Address Bit Name Address
Bit Name
Status Address
Mask Address
Register Name Framer
911
F7HVS
903
F7HM
733
743
HDLC
7
911
F7EVS
903
F7EM
734
744
Receive Sync
7
911
F7RVS
903
F7RM
735
745
Receive Line
7
911
F7SVS
903
F7SM
736
746
Elastic store
7
911
F6HVS
903
F6HM
633
643
HDLC
6
911
F6EVS
903
F6EM
634
644
Receive Sync
6
911
F6RVS
903
F6RM
635
645
Receive Line
6
911
F6SVS
903
F6SM
636
646
Elastic
6
911
F5HVS
903
F5HM
533
543
HDLC
5
911
F5EVS
903
F5EM
534
544
Receive Sync
5
911
F5RVS
903
F5RM
535
545
Receive Line
5
911
F5SVS
903
F5SM
536
546
Elastic
5
911
F4HVS
903
F4HM
433
443
HDLC
4
911
F4EVS
903
F4EM
434
444
Receive Sync
4
911
F4RVS
903
F4RM
435
445
Receive Line
4
911
F4SVS
903
F4SM
436
446
Elastic
4
Table 50 - Interrupt Vector and Interrupt Source Summary (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com