Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 101 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 101 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 97Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 98Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 99Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 100Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 101Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 102Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 103Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 104Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 105Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 275 page
background image
MT9072
Data Sheet
101
Zarlink Semiconductor Inc.
15.5
E1 Interrupt Source and Interrupt Status Register Summary
Real Time Source
Status Register or
PCM30
Interrupt Status
Register
Interrupt Description
Address Bit Name Address Bit Name
Y10
RCRCR
Y34
RCRCRI
S
Y
N
C
remote CRC-4 and RAI occurred
Y10
RSLP
Y34
RSLPI
receive slip occurred
Y12
Y
Y34
YI
remote multiframe sync fail occurred
Y12
AUXP
Y34
AUXP
I
auxiliary pattern occurred
Y12
RAI
Y34
RAII
remote alarm occurred
Y12
AIS
Y34
AIS
I
alarm indication signal occurred
Y12
AIS16
Y34
AIS16
I
alarm indication signal on channel 16 occurred
Y12
LOSS
Y34
LOSS
I
loss of signal occurred
Y10
RCRC0
Y34
RCRC0
I
remote CRC-4 sync and RAI for 10 ms and up occurred
Y10
RCRC1
Y34
RCRC1
I
remote CRC-4 sync and RAI for 10 ms to 450 ms occurred
Y10
CEFS
Y34
CEFS
I
consecutive errored FAS’s occurred
Y10
RFAIL
Y34
RFAIL
I
remote CRC-4 multiframe generator/detector failure occurred
Y10
CSYNC
Y34
CSYNCI
loss of CRC-4 sync occurred
Y10
MSYNC
Y34
MSYNCI
loss of multiframe sync occurred
Y10
BSYNC
Y34
BSYNCI
loss of basic frame sync occurred
Table 52 - Interrupt Source & Status Register Summary (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com