Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 103 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 103 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 99Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 100Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 101Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 102Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 103Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 104Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 105Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 106Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 107Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 275 page
background image
MT9072
Data Sheet
103
Zarlink Semiconductor Inc.
PCM30
Sa5
Y36
Sa5V
I
N
A
T
I
O
N
A
L
Sa5 bit value was one when Sa6N8 toggled from zero to one
PCM30
Sa6
Y36
Sa6V3
I
Sa6 bit 3 value was one when Sa6N8 toggled from zero to one
PCM30
Sa6
Y36
Sa6V2
I
Sa6 bit 2 value was one when Sa6N8 toggled from zero to one
PCM30
Sa6
Y36
Sa6V1
I
Sa6 bit 1 value was one when Sa6N8 toggled from zero to one
PCM30
Sa6
Y36
Sa6V0
I
Sa6 bit 0 value was one when Sa6N8 toggled from zero to one
PCM30
Sa6
Y36
Sa6N8
I
sequence of 8 identical Sa6 nibbles occurred
PCM30
Sa6
Y36
Sa6N
I
Sa6 nibble changed
PCM30
Sa5-8
Y36
SaNI
Sa5,6,7 or 8 nibble changed
PCM30
Sa5
Y36
Sa5T
I
Sa5 bit changed
PCM30
Sa5-8
Y36
SaTI
Sa5,6,7 or 8 bits changed
Y70-Y8F
ABCD
Y36
CASR
I
receive CAS bit (ABCD) changed
Y11
CALN
Y36
CALN
I
CRC-4 2 ms timer toggled
Y11
T2
Y36
T2I
CRC-4 10ms timer toggled from zero to one
Y11
T1
Y36
T1I
CRC-4 100ms timer toggled from zero to one
Y36
ONESEC
I
1s timer toggled from zero to one
Real Time Source
Status Register or
PCM30
Interrupt Status
Register
Interrupt Description
Address Bit Name Address Bit Name
Table 52 - Interrupt Source & Status Register Summary (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com