Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 34 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 34 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 30Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 31Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 32Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 33Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 34Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 35Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 36Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 37Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 38Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 275 page
background image
MT9072
Data Sheet
34
Zarlink Semiconductor Inc.
39
59
79
119
139
159
M3
N5
N11
L15
F13
B15
FPi[1]
FPi[2]
FPi[3]
FPi[5]
FPi[6]
FPi[7]
I
Frame Pulse. This pin accepts a frame pulse that sets the basic frame
boundary for the transmit and receive sides of the framer. In IMA mode
it accepts a frame pulse that sets the basic frame boundary for the
transmit side of the framer only. Pins FPi[0-7] are used to set the frame
boundaries for Framers[0-7] respectively. The clock rate is determined
by control bits at (Address 900). This pin has no function in
8.192 Mbit/s mode.
In 2.048 Mbit/s ST-BUS mode this pin accepts an ST-BUS
2.048 Mbit/s frame pulse that sets the basic frame boundary for the
data that appears at pins DSTi, DSTo, CSTi and CSTo. See Figure 34.
In T1 IMA mode, this pin accepts a 648 ns frame pulse that sets the
basic frame boundary for the transmit data that appears at pin DSTi.
IMA mode is selected by setting the IMA bit (Address Y00) to 1. See
Figure 40.
In E1 IMA mode, this pin accepts a 2.048 Mbit/s ST-BUS type frame
pulse that sets the basic frame boundary for the transmit data that
appears at pin DSTi. IMA mode is selected by setting the IMA bit
(Address Y00) to 1.
In T1 IMA mode and E1 IMA mode, the basic frame boundary for the
receive data stream that is output by DSTo is indicated by the clock
output by the RxBF pin.
20
40
60
80
100
120
140
160
H2
M4
N6
N12
R14
L16
F14
B16
RxBF[0]
RxBF[1]
RxBF[2]
RxBF[3]
RxBF[4]
RxBF[5]
RxBF[6]
RxBF[7]
O
Receive Basic Frame Pulse. This pin outputs a frame pulse that
indicates the basic frame boundary for the received data stream
output by the RxDL pin. In IMA mode the receive basic frame pulse
also indicates the basic frame boundary in the received data stream
output by the DSTo pin. Pins RxBF[0-7] are used to set the frame
boundaries for Framers[0-7] respectively.
In T1 mode, this pin provides a basic frame pulse that indicates the
S-bit in the 1.544 Mbit/s received data stream output by pin RxDL. See
Figure 48.
In T1 IMA mode, the Receive Basic Frame Pulse indicates the S-bit in
the 1.544 Mbit/s received data stream output by pin DSTo. IMA mode
is selected by setting the IMA bit (Address Y00) to 1. See Figure 39.
In E1 mode, this pin provides a 2.048 Mbit/s ST-BUS type frame pulse
that indicates the beginning of channel 0 in the 2.048 Mbit/s received
data stream output by the RxDL pin. See Figure 69.
In E1 IMA mode, the receive basic frame pulse indicates the beginning
of channel 0 in the 2.048 Mbit/s received data stream output by the
DSTo pin. IMA mode is selected by setting the IMA bit (Address Y00)
to 1. See Figure 58.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com