Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 266 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 266 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 262Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 263Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 264Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 265Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 266Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 267Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 268Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 269Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 270Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 275 page
background image
MT9072
Data Sheet
266
Zarlink Semiconductor Inc.
Figure 67 - Receive Basic Frame and E4o Timing
AC Electrical Characteristics - Receive Basic Frame and E4o Timing
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
Basic Frame Output Delay
tBD
30
115
ns
150 pF load on RxBF
2
Clock Delay
tCD
55
ns
150 pF load on RxDLC
3E4o Clock High Width
tE4HW
50
200
ns
150 pF load on RxDLC
3E4o Clock Low Width
tE4LW
25
75
ns
150 pF load on RxDLC
VT
Timeslot 31
Bit 8
Timeslot 0
Bit 1
VT
RxBF
(Output)
E2i
Input
RXDL
PCM 30
Bit Cells
E4o - Note 1
(RxDLC Pin)
Output
tCD
tCD
Note 1 - The E4o signal is output at the RxDLC Pin when the E4CK control bit (address Y08) is set to one.
Note 2 - The PCM Timeslots are referred to RXDL Output which is delayed 4 bits from the RPOS/RNEG input.
Note3- The E4o Clock(RXDLC Output) is not a 50% duty cycle clock, it will be low for 25 % and high for 75% of the
4.096 MHz clock
VT
tE4HW
tE4LW
tBD
t
BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com