Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 272 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 272 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 267Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 268Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 269Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 270Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 271Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 272Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 273Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 274Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 275Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 272 / 275 page
background image
MT9072
Data Sheet
272
Zarlink Semiconductor Inc.
19.4
AC Electrical Characteristics - PCM30 and ST-BUS Frame Format
In both the transmit and receive directions, PCM30 LSB maps to ST-BUS LSB.
Figure 74 - PCM 30 Format
Figure 75 - ST-BUS Format
20.0
Applicable Specifications
Standard
Title
T1.102-1993
Digital Heirarchy_Electrical Interfaces
T1.231-1993
Layer 1 In-Service Digital Transmission Performance Monitoring
T1.403-1995
Network to Customer Installation Metallic Interfaces
T1.408-1990
ISDN Primary Rate- Customer Installation Metallic Interfaces
TR 62411-1990
Accunet T1.5 Service Description and Interface Specification
TA-TSY-000278 Issue1, 1985
Digital Data Systems(DDS)- T1 Digital Multiplexor(T1DM) Requirements
G.711
Pulse Code Modulation(PCM) of Voice Frequencies
Table 204 - Applicable Telecommunications Specifications
FRAME
15
0
14
15
0
TIMESLOT
0
1
30
31
Most
Significant
Bit (First)
Least
Significant
Bit (Last)
BIT
12
3
4
56
7
8
FRAME
FRAME
FRAME
FRAME
TIMESLOT
TIMESLOT
TIMESLOT
BIT
BIT
BIT
BIT
BIT
BIT
BIT
2.0 ms
(8/2.048)
µs
125
µs
•• •• •• ••
•• ••
CHANNEL
31 or 127
0
30 or 126
BIT
CHANNEL
CHANNEL
CHANNEL
CHANNEL
31 or 127
0
BIT
BIT
BIT
BIT
BIT
BIT
BIT
• • •
Least
Significant
Bit (Last)
Most
Significant
Bit (First)
125
µs
76
5
4
3
2
1
0
(8/2.048 or 8/8.192)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com