Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 100Page - National Semiconductor (TI) PC87372 Datasheet HTML 101Page - National Semiconductor (TI) PC87372 Datasheet HTML 102Page - National Semiconductor (TI) PC87372 Datasheet HTML 103Page - National Semiconductor (TI) PC87372 Datasheet HTML 104Page - National Semiconductor (TI) PC87372 Datasheet HTML 105Page - National Semiconductor (TI) PC87372 Datasheet HTML 106Page - National Semiconductor (TI) PC87372 Datasheet HTML 107Page - National Semiconductor (TI) PC87372 Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 144 page
background image
8.0 Glue Functions (Continued)
104
www.national.com
Revision 1.2
Figure 22. REF5_STBY as a Function of VSB3 and VSB5
Table 38 defines the DC characteristics of the REF5_STBY output relative to the VSB3 supply. For the AC characteristics,
see Highest Active Main and Standby Supply Reference on page 140.
Table 39. REF5V_STBY DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VSO
Switch Open, VSB3 Voltage Range
0 < VSB5 < 5.5V
0
1.51
1. Not tested. Guaranteed by characterization.
V
VTRK
Output Voltage Tracking of VSB3 Voltage
1,
1.5V < VSB3,
VSB5 <VSB3 + 150 mV
− 150
+ 150
mV
a. VSB3 Ramps Up Before and Ramps Down After VSB5
0V
VSO
3.3V
5V
VSB3
VSB5
REF5V_STBY
b. VSB3 Ramps Up After and Ramps Down Before VSB5
0V
VSO
3.3V
5V
VSB3
VSB5
REF5V_STBY
VSB3
REF5V_STBY
VSB3
VSB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com