Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 102Page - National Semiconductor (TI) PC87372 Datasheet HTML 103Page - National Semiconductor (TI) PC87372 Datasheet HTML 104Page - National Semiconductor (TI) PC87372 Datasheet HTML 105Page - National Semiconductor (TI) PC87372 Datasheet HTML 106Page - National Semiconductor (TI) PC87372 Datasheet HTML 107Page - National Semiconductor (TI) PC87372 Datasheet HTML 108Page - National Semiconductor (TI) PC87372 Datasheet HTML 109Page - National Semiconductor (TI) PC87372 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
8.0 Glue Functions (Continued)
106
www.national.com
Revision 1.2
Table 40 defines the DC characteristics of the Resume Reset circuit. For the AC characteristics, see Resume Reset on page
140.
8.2.4
Main Power Good
This function generates the PWRGD_3V signal, indicating that the Main power supply voltage is valid and the reset button
on the front panel is not pressed. The PWRGD_3V signal indicates to system components that their input power supplies
are valid.
The FPRST input is debounced for at least tDB before entering the Main Power Good circuit, to ensure that the signal is
stable. The debouncer adds a tDB delay to the PWRGD_3V output change in output caused by the FPRST input. The de-
bouncer timing is based on the 32 KHz clock domain, which therefore must be valid to enable the correct operation of the
Power Good function.
The PWRGD_3V is the AND function of the PWRGD_PS and FPRST inputs. Figure 24 shows a simplified diagram of the
circuit that generates the PWRGD_3V signal.
Figure 24. PWRGD_3V Generation (Simplified Diagram)
For the AC characteristics, see Main Power Good on page 141.
8.2.5
Rambus SCK Clock Gate Control
This function generates the SCK_BJT_GATE signal, which controls an external circuit that gates the SCK clock to the Ram-
bus socket.
The SCK clock to the Rambus socket is disabled by an active high SCK_BJT_GATE signal, generated when either the Main
power supply voltage is not valid or the reset button on the front panel is pressed (PWRGD_3V = low).
Figure 25 shows a simplified diagram of the circuit that generates the SCK_BJT_GATE signal.
Figure 25. SCK_BJT_GATE Generation (Simplified Diagram)
For the AC characteristics, see CNR Downstream Codec Dynamic Control on page 142.
Table 40. Resume Reset Circuit DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VTRIP
VSB5 Threshold Level
VSB3 = 3.3V ±10%
4.2
4.5
V
ZOFF
Output Impedance at VSB3 Off
1
1. Not tested. Guaranteed by characterization.
VSB3 = 0V,
VSB5 =5V ±10%
710
K
Ω
FPRST
Input
Debouncer
PWRGD_PS
PWRGD_3V
1 K
Ω
SCK_BJT_GATE
VSB5
Pin
PWRGD_3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com