Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 101Page - National Semiconductor (TI) PC87372 Datasheet HTML 102Page - National Semiconductor (TI) PC87372 Datasheet HTML 103Page - National Semiconductor (TI) PC87372 Datasheet HTML 104Page - National Semiconductor (TI) PC87372 Datasheet HTML 105Page - National Semiconductor (TI) PC87372 Datasheet HTML 106Page - National Semiconductor (TI) PC87372 Datasheet HTML 107Page - National Semiconductor (TI) PC87372 Datasheet HTML 108Page - National Semiconductor (TI) PC87372 Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 144 page
background image
8.0 Glue Functions (Continued)
105
www.national.com
Revision 1.2
8.2.3
Resume Reset
This function generates the RSMRST signal by sensing the voltage level at the VSB5 analog input (see specification in Sec-
tion 10.2.5 on page 124). The RSMRST signal serves both as a Power-Up reset and as a “Brown-Out” reset for the system
resume power well (powered by the VSB3 or VSB5 supplies).
The Resume Reset circuit compares the voltage at the VSB5 input with a threshold value (VTRIP). When the VSB3 supply
voltage is active, the circuit generates the RSMRST active low output signal, as follows:
q
When VSB5 rises above VTRIP, the RSMRST signal switches from low to high after a tRD delay.
q
When VSB5 falls below VTRIP, the RSMRST signal switches from high to low after a tFD5 delay.
q
When a glitch shorter than tGA (the time VSB5 is below VTRIP) occurs at the VSB5 input, the RSMRST signal is not
guaranteed to react (remains high).
The Resume Reset circuit is powered by the VSB3 supply. When the VSB5 supply voltage is active, the circuit compares the
VSB3 power supply voltage with the threshold value (VSB3ON or VSB3OFF); see Section 10.1.5 on page 122. As a result, the
RSMRST active low output signal is generated, as follows:
q
When VSB3 rises above VSB3ON, the RSMRST signal switches from low to high after a tRD delay.
q
When VSB3 falls below VSB3OFF, the RSMRST signal switches from high to low after a tFD3 delay.
q
When a glitch shorter than tGA (the time VSB3 is below VSB3OFF) occurs at the VSB3 input, the RSMRST signal is not
guaranteed to react (remains high).
When the VSB3 power supply is off, the RSMRST output is at low level (active) having an internal impedance of ZOFF.
The delays in RSMRST switching, generated by the Resume Reset circuit, are independent of the toggling of any of the clock
domains of the PC87372 device (32 KHz, 48 MHz or LPC).
Figure 23 shows the behavior of the RSMRST output at VSB3 and VSB5 switching.
Figure 23. RSMRST at VSB5 and VSB3 Switching
tRD
tFD3
RSMRST
VSB3
VSB5
VSB3ON
a. VSB5 Switching, VSB3 Steady
b. VSB3 Switching, VSB5 Steady
tRD
tFD5
RSMRST
VSB5
VSB3
VTRIP
tGA
Brown-Out
Glitch
VSB3OFF
tGA
Brown-Out
Glitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com