Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 104 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 100Page - Analog Devices AD9689-2000EBZ Datasheet HTML 101Page - Analog Devices AD9689-2000EBZ Datasheet HTML 102Page - Analog Devices AD9689-2000EBZ Datasheet HTML 103Page - Analog Devices AD9689-2000EBZ Datasheet HTML 104Page - Analog Devices AD9689-2000EBZ Datasheet HTML 105Page - Analog Devices AD9689-2000EBZ Datasheet HTML 106Page - Analog Devices AD9689-2000EBZ Datasheet HTML 107Page - Analog Devices AD9689-2000EBZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 104 of 134
Fast Detect and Signal Monitor Control Registers
Table 49.
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0245 Fast detect control
(local)
[7:4] Reserved
Reserved.
0x0
R
3
Force FD_A/FD_B pins
0x0
R/W
0
Normal operation of the fast detect pin.
1
Force a value on the fast detect pin (see Bit 2).
2
Force value of
FD_A/FD_B pins
The fast detect output pin for this channel is set to this value
when the output is forced.
0x0
R/W
1
Reserved
Reserved.
0x0
R
0
Enable fast detect output
0x0
R/W
0
Fast detect disabled.
1
Fast detect enabled.
0x0247 Fast detect up LSB
(local)
[7:0] Fast detect upper
threshold
LSBs of fast detect upper threshold. This register contains the
8 LSBs of the programmable 13-bit upper threshold that is
compared to the fine ADC magnitude.
0x0
R/W
0x0248 Fast detect up MSB
(local)
[7:5] Reserved
Reserved.
0x0
R
[4:0] Fast detect upper
threshold
LSBs of fast detect upper threshold. This register contains the
8 LSBS of the programmable 13-bit upper threshold that is
compared to the fine ADC magnitude.
0x0
R/W
0x0249 Fast detect low LSB
(local)
[7:0] Fast detect lower
threshold
LSBs of fast detect lower threshold. This register contains the
8 LSBS of the programmable 13-bit lower threshold that is
compared to the fine ADC magnitude.
0x0
R/W
0x024A Fast detect low
MSB (local)
[7:5] Reserved
Reserved.
0x0
R
[4:0] Fast detect lower
threshold
LSBs of fast detect lower threshold. This register contains the
8 LSBs of the programmable 13-bit lower threshold that is
compared to the fine ADC magnitude.
0x0
R/W
0x024B Fast detect dwell
LSB (local)
[7:0] Fast detect dwell time
LSBs of fast detect dwell time counter target. This is a load
value for a 16-bit counter that determines how long the ADC
data must remain below the lower threshold before the
FD_x pins are reset to 0.
0x0
R/W
0x024C Fast detect dwell
MSB (local)
[7:0] Fast detect dwell time
LSBs of fast detect dwell time counter target. This is a load
value for a 16-bit counter that determines how long the ADC
data must remain below the lower threshold before the
FD_x pins are reset to 0.
0x0
R/W
0x026F Signal monitor
sync control
[7:2] Reserved
Reserved.
0x0
R
1
Signal monitor next
synchronization mode
Signal monitor next synchronization mode.
0x0
R/W
0
Continuous mode.
1
Next synchronization mode. Only the next valid edge of the
SYSREF± pin is used to synchronize the signal monitor block.
Subsequent edges of the SYSREF± pin are ignored. When the
next SYSREF has been captured, Register 0x026F, Bit 0 is cleared.
The SYSREF± pin must be an integer multiple of the signal monitor
period for this function to operate correctly in continuous mode.
0
Signal monitor
synchronization mode
Signal monitor synchronization enable.
0x0
R/W
0
Synchronization disabled.
1
If Register 0x026F, Bit 1 = 1, only the next valid edge of the
SYSREF± pin is used to synchronize the signal monitor block.
Subsequent edges of the SYSREF± pin are ignored. When the
next SYSREF signal is received, this bit is cleared. The SYSREF±
input pin must be enabled to synchronize the signal monitor
blocks.
0x0270 Signal monitor
control (local)
[7:2] Reserved
Reserved.
0x0
R
1
Peak detector
0x0
R/W
0
Peak detector disabled.
1
Peak detector enabled.
0
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com