Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 107 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 107 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 103Page - Analog Devices AD9689-2000EBZ Datasheet HTML 104Page - Analog Devices AD9689-2000EBZ Datasheet HTML 105Page - Analog Devices AD9689-2000EBZ Datasheet HTML 106Page - Analog Devices AD9689-2000EBZ Datasheet HTML 107Page - Analog Devices AD9689-2000EBZ Datasheet HTML 108Page - Analog Devices AD9689-2000EBZ Datasheet HTML 109Page - Analog Devices AD9689-2000EBZ Datasheet HTML 110Page - Analog Devices AD9689-2000EBZ Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 107 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x0311 DDC0 input
select
[7:4] DDC0 decimation rate
select
Only valid when Register 0x0310, Bits[2:0] = 3'b111.
0x0
R/W
0000
TB2 + HB4 + HB3 + HB2 + HB1 filter selection: decimate by 48
(complex to real disabled), or decimate by 24 (complex to real
enabled).
0010
FB2 + HB1 filter selection: decimate by 10 (complex to real
disabled), or decimate by 5 (complex to real enabled).
0011
FB2 + HB2 + HB1 filter selection: decimate by 20 (complex to real
disabled), or decimate by 10 (complex to real enabled).
0100
FB2 + HB3 + HB2 + HB1 filter selection: decimate by 40 (complex
to real disabled), or decimate by 20 (complex to real enabled).
0111
TB1 filter selection: decimate by 3 (decimate by 1.5 not
supported).
1000
FB2 + TB1 filter selection: decimate by 15 (decimate by 7.5 not
supported).
1001
HB2 + FB2 + TB1 filter selection: decimate by 30 (decimate by 15
not supported).
3
Reserved
Reserved.
0x0
R
2
DDC0 Q input select
0x0
R/W
0
Channel A.
1
Channel B.
1
Reserved
Reserved.
0x0
R
0
DDC0 I input select
0x0
R/W
0
Channel A.
1
Channel B.
0x0314 DDC0 NCO
control
[7:4] DDC0 NCO channel
select mode
For edge control, the internal counter wraps after the
Register 0x0314, Bits[3:0] value is reached.
0x0
R/W
0000
Use Register 0x0314, Bits[3:0].
0001
GPIO_B0, GPIO_A0.
0010
GPIO_B1, GPIO_A1.
0011
GPIO_A1, GPIO_A0.
0100
GPIO_B1, GPIO_B0.
0101
GPIO_B1, GPIO_A1, GPIO_B0, GPIO_A0.
0110
GPIO_B1, GPIO_B0, GPIO_A1, GPIO_A0.
1000
Increment internal counter on rising edge of the GPIO_A0 pin.
1001
Increment internal counter on rising edge of the GPIO_A1 pin.
1010
Increment internal counter on rising edge of the GPIO_B0 pin.
1011
Increment internal counter on rising edge of the GPIO_B1 pin.
[3:0] DDC0 NCO register
map channel select
NCO channel select register map control.
0x0
R/W
0000
Select NCO Channel 0.
0001
Select NCO Channel 1.
0010
Select NCO Channel 2.
0011
Select NCO Channel 3.
0100
Select NCO Channel 4.
0101
Select NCO Channel 5.
0110
Select NCO Channel 6.
0111
Select NCO Channel 7.
1000
Select NCO Channel 8.
1001
Select NCO Channel 9.
1010
Select NCO Channel 10.
1011
Select NCO Channel 11.
1100
Select NCO Channel 12.
1101
Select NCO Channel 13.
1110
Select NCO Channel 14.
1111
Select NCO Channel 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com