Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 106 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 106 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 102Page - Analog Devices AD9689-2000EBZ Datasheet HTML 103Page - Analog Devices AD9689-2000EBZ Datasheet HTML 104Page - Analog Devices AD9689-2000EBZ Datasheet HTML 105Page - Analog Devices AD9689-2000EBZ Datasheet HTML 106Page - Analog Devices AD9689-2000EBZ Datasheet HTML 107Page - Analog Devices AD9689-2000EBZ Datasheet HTML 108Page - Analog Devices AD9689-2000EBZ Datasheet HTML 109Page - Analog Devices AD9689-2000EBZ Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 106 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
1
DDC next sync
0x0
R/W
0
Continuous mode. The SYSREF frequency must be an integer
multiple of the NCO frequency for this function to operate
correctly in continuous mode.
1
Only the next valid edge of the SYSREF± pin is used to synchronize
the NCO in the DDC block. Subsequent edges of the SYSREF± pin are
ignored. When the next SYSREF signal is found, the DDC
synchronization mode bit (Register 0x0300, Bit 0) is cleared.
0
DDC synchronization
mode
The SYSREF± input pin must be enabled to synchronize the DDCs. 0x0
R/W
0
Synchronization disabled.
1
Synchronization enabled. If Register 0x0300, Bit 1 = 1, only the
next valid edge of the SYSREF± pin is used to synchronize the
NCO in the DDC block. Subsequent edges of the SYSREF± pin are
ignored. When the next SYSREF signal is received, this bit is
cleared.
0x0310
DDC0 control
7
DDC0 mixer select
0x0
R/W
0
Real mixer (I and Q inputs must be from the same real channel).
1
Complex mixer (I and Q must be from separate, real, and
imaginary quadrature ADC receive channels; analog
demodulator).
6
DDC0 gain select
Gain can be used to compensate for the 6 dB loss associated with
mixing an input signal down to baseband and filtering out its
negative component.
0x0
R/W
0
0 dB gain.
1
6 dB gain (multiply by 2).
[5:4]
DDC0 intermediate
frequency (IF) mode
0x0
R/W
00
Variable IF mode.
01
0 Hz IF mode.
10
fS Hz IF mode.
11
Test mode.
3
DDC0 complex to real
enable
0x0
R/W
0
Complex (I and Q) outputs contain valid data.
1
Real (I) output only. Complex to real enabled. Uses extra fS mixing
to convert to real.
[2:0]
DDC0 decimation rate
select
Decimation filter selection.
0x0
R/W
000
HB1 + HB2 filter selection: decimate by 2 (complex to real
enabled), or decimate by 4 (complex to real disabled).
001
HB1 + HB2 + HB3 filter selection: decimate by 4 (complex to real
enabled), or decimate by 8 (complex to real disabled).
010
HB1 + HB2 + HB3 + HB4 filter selection: decimate by 8 (complex
to real enabled), or decimate by 16 (complex to real disabled).
011
HB1 filter selection: decimate by 1 (complex to real enabled), or
decimate by 2 (complex to real disabled).
100
HB1 + TB2 filter selection: decimate by 3 (complex to real
enabled), or decimate by 6 (complex to real disabled).
101
HB1 + HB2 + TB2 filter selection: decimate by 6 (complex to real
enabled), or decimate by 12 (complex to real disabled).
110
HB1 + HB2 + HB3 + TB2 filter selection: decimate by 12 (complex
to real enabled), or decimate by 24 (complex to real disabled).
111
Decimation determined by Register 0x0311, Bits[7:4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com