Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 159 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 155Page - STMicroelectronics BLUENRG-2 Datasheet HTML 156Page - STMicroelectronics BLUENRG-2 Datasheet HTML 157Page - STMicroelectronics BLUENRG-2 Datasheet HTML 158Page - STMicroelectronics BLUENRG-2 Datasheet HTML 159Page - STMicroelectronics BLUENRG-2 Datasheet HTML 160Page - STMicroelectronics BLUENRG-2 Datasheet HTML 161Page - STMicroelectronics BLUENRG-2 Datasheet HTML 162Page - STMicroelectronics BLUENRG-2 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 190 page
background image
BlueNRG-2
Pin description
DocID030675 Rev 2
159/190
Pins
Name
I/O
Description
QFN32
QFN48
WCSP34
14
24
D4
ANATEST1
O
Analog output
15
25
B4
ADC1
I
ADC input 1
16
26
D5
ADC2
I
ADC input 2
17
27
A6
FXTAL1
I
16/32 MHz crystal
18
28
B5
FXTAL0
I
16/32 MHz crystal
19
29
-
VBAT2
VDD
Battery Voltage input
20
30
C6
RF1
I/O
Antenna + matching circuit connection
21
31
D6
RF0
I/O
Antenna + matching circuit connection
22
33
E4
SXTAL1
I
32 kHz crystal
23
34
E5
SXTAL0
I
32 kHz crystal
24
35
E6
VBAT1
VDD
Battery Voltage input
25
36
B3
RESETN
I
System reset
26
37
F6
SMPSFILT1
I
SMPS output to external filter
27
38
F4
SMPSFILT2
I/O
SMPS output to external filter/battery
voltage input
28
39
F3
VDD1V2
O
1.2 V digital core output
29
41
-
DIO13
I/O
General Purpose Digital I/O
30
42
F2
DIO12
I/O
General Purpose Digital I/O
31
43
E3
TEST
I
Test pin put to GND
32
44
E2
DIO11
I/O
General Purpose Digital I/O
-
-
A4
GND
GND
Ground
-
-
B6
-
-
C1
-
-
F5
-
20
-
DIO15
I/O
General Purpose Digital I/O
-
19
-
DIO16
I/O
General Purpose Digital I/O
-
17
-
DIO17
I/O
General Purpose Digital I/O
-
12
-
DIO18
I/O
General Purpose Digital I/O
-
11
-
DIO19
I/O
General Purpose Digital I/O
-
10
-
DIO20
I/O
General Purpose Digital I/O
-
6
-
DIO21
I/O
General Purpose Digital I/O
-
3
-
DIO22
I/O
General Purpose Digital I/O
-
2
-
DIO23
I/O
General Purpose Digital I/O
-
1
-
DIO24
I/O
General Purpose Digital I/O
-
8
-
VBAT4
VDD
Battery Voltage input
-
22
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com