Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 161 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 157Page - STMicroelectronics BLUENRG-2 Datasheet HTML 158Page - STMicroelectronics BLUENRG-2 Datasheet HTML 159Page - STMicroelectronics BLUENRG-2 Datasheet HTML 160Page - STMicroelectronics BLUENRG-2 Datasheet HTML 161Page - STMicroelectronics BLUENRG-2 Datasheet HTML 162Page - STMicroelectronics BLUENRG-2 Datasheet HTML 163Page - STMicroelectronics BLUENRG-2 Datasheet HTML 164Page - STMicroelectronics BLUENRG-2 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 190 page
background image
BlueNRG-2
Memory mapping
DocID030675 Rev 2
161/190
5
Memory mapping
Program memory, data memory, registers and I/O ports are organized within the same
linear 4-Gbyte address space.
The bytes are coded in memory in little Endian format. The lowest numbered byte in a word
is considered the word’s least significant byte and highest numbered byte the most
significant.
The addressable memory space is divided into 16 main blocks, each 256 MB. All the
memory areas that are not allocated to on-chip memories and peripherals are considered
“RESERVED”.
For the detailed mapping of an available memory and register areas, please refer to the
memory map in table below and to the register lists detailed in each of the peripheral
sections.
Table 211: Memory mapping
Address
Cortex-M0 address map
Size
Description
0x0000_0000
– 0x0000_0FFF
Code
4 kB
ROM
0x1000_0000
– 0x1000_0FFF
Code
4 kB
ROM
0x1004_0000
– 0x1006_7FFF
Code
256 kB
Flash
0x2000_0000
– 0x2000_2FFF
SRAM0 always on
12 kB
SRAM
0x2000_3000
– 0x2000_5FFF
SRAM1 switchable
12 kB
SRAM
0x2000_6000
– 0x3FFF_FFFF
RESERVED
0x4000_0000
APB peripheral
4 kB
GPIO
0x4010_0000
4 kB
Flash controller
0x4020_0000
4 kB
System controller
0x4030_0000
4 kB
UART
0x4040_0000
4 kB
SPI
0x4050_0000
4 kB
RESERVED
0x4060_0000
4 kB
RESERVED
0x4070_0000
4 kB
Watchdog
0x4080_0000
4 kB
ADC
0x4090_0000
4 kB
Clock generator
0x40A0_0000
4 kB
I2C2
0x40B0_0000
4 kB
I2C1(1)
0x40C0_0000
4 kB
AHB up converter
0x40D0_0000
4 kB
MFT1
0x40E0_0000
4 kB
MFT2
0x40F0_0000
4 kB
RTC
0x4100_0000
4 kB
RESERVED
0x4800_0000
4 kB
BLE controller
0x4810_0000
4 kB
BLE clock generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com