Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 165 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 161Page - STMicroelectronics BLUENRG-2 Datasheet HTML 162Page - STMicroelectronics BLUENRG-2 Datasheet HTML 163Page - STMicroelectronics BLUENRG-2 Datasheet HTML 164Page - STMicroelectronics BLUENRG-2 Datasheet HTML 165Page - STMicroelectronics BLUENRG-2 Datasheet HTML 166Page - STMicroelectronics BLUENRG-2 Datasheet HTML 167Page - STMicroelectronics BLUENRG-2 Datasheet HTML 168Page - STMicroelectronics BLUENRG-2 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 190 page
background image
BlueNRG-2
Application circuit
DocID030675 Rev 2
165/190
Table 212: External component list
Component
Description
C1
Decoupling capacitor
C2
DC-DC converter output capacitor
C3
Decoupling capacitor for 1.2 V digital regulator
C4
Decoupling capacitor for 1.2 V digital regulator
C5
Decoupling capacitor
C6
32 kHz crystal loading capacitor
C7
32 kHz crystal loading capacitor
C8
RF balun/matching network capacitor
C9
RF balun/matching network capacitor
C10
RF balun/matching network capacitor
C11
RF balun/matching network capacitor
C12
RF balun/matching network capacitor
C13
RF balun/matching network capacitor
C14
RF balun/matching network capacitor
C15
Decoupling capacitor
C16
16/32 MHz crystal loading capacitor
C17
16/32 MHz crystal loading capacitor
C18
Decoupling capacitor
C19
DC-DC converter output capacitor
L1
32 kHz crystal filter inductor
L2
16/32 MHz crystal filter inductor
L3
RF balun/matching network inductor
L4
RF balun/matching network inductor
L5
RF balun/matching network inductor
XTAL1
32 kHz crystal (optional)
XTAL2
16/32 MHz crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com