Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 169 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 165Page - STMicroelectronics BLUENRG-2 Datasheet HTML 166Page - STMicroelectronics BLUENRG-2 Datasheet HTML 167Page - STMicroelectronics BLUENRG-2 Datasheet HTML 168Page - STMicroelectronics BLUENRG-2 Datasheet HTML 169Page - STMicroelectronics BLUENRG-2 Datasheet HTML 170Page - STMicroelectronics BLUENRG-2 Datasheet HTML 171Page - STMicroelectronics BLUENRG-2 Datasheet HTML 172Page - STMicroelectronics BLUENRG-2 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 190 page
background image
BlueNRG-2
Electrical specifications
DocID030675 Rev 2
169/190
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TX -8 dBm
13
TX -11 dBm
12.3
TX -14 dBm
12
Table 217: Digital I/O specifications
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Trise
0.1*VDD to 0.9*VDD, CL=50 pF
1.4(TC)
19(TC2)
ns
Tfall
0.9*VDD to 0.1*VDD, CL=50 pF
1.5(TC)
22(TC2)
ns
T(RST)L
1.5
ms
TC
3
3.3
3.6
V
TC1
2.25
2.5
2.75
V
TC2
1.72
1.8
1.98
V
VIL
TC
-0.3
0.9
V
TC1
-0.3
0.67
V
TC2
-0.3
0.54
V
VIH
TC
1.95
3.6
V
TC1
1.46
2.75
V
TC2
1.1
1.98
V
VOL
TC
0.4
V
TC1
0.42
V
TC2
0.45
V
VOH
TC
2.4
V
TC1
1.72
V
TC2
1.35
V
IOL (low drive strength)
TC (VOL = 0.4 V)
3.4
5.6
7.9
mA
TC1 (VOL= 0.42 V)
3.8
6.6
10.1
mA
TC2 (VOL =0.45 V)
1.6
3
5
mA
IOL (high drive strength)
TC (VOL = 0.4 V)
6.8
11.2
15.8
mA
TC1 (VOL= 0.42 V)
7.6
13.2
20.1
mA
TC2 (VOL =0.45 V)
3.3
6
9.9
mA
IOL (very high drive strenght)
TC (VOL = 0.4 V)
10.3
16.9
23.9
mA
TC1 (VOL= 0.42 V)
11.4
19.9
30.4
mA
TC2 (VOL =0.45 V)
5
9.2
15.2
mA
IOH (low drive strength)
TC (VOH =2.4 V)
5.5
10.6
17.6
mA
TC1 (VOH = 1.72 V)
3.7
7.2
12
mA
TC2 (VOH = 1.35 V)
1.4
3
5.6
mA
IOH (high drive strength)
TC (VOH = 2.4 V)
9.9
19.2
31.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com