Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 166 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 162Page - STMicroelectronics BLUENRG-2 Datasheet HTML 163Page - STMicroelectronics BLUENRG-2 Datasheet HTML 164Page - STMicroelectronics BLUENRG-2 Datasheet HTML 165Page - STMicroelectronics BLUENRG-2 Datasheet HTML 166Page - STMicroelectronics BLUENRG-2 Datasheet HTML 167Page - STMicroelectronics BLUENRG-2 Datasheet HTML 168Page - STMicroelectronics BLUENRG-2 Datasheet HTML 169Page - STMicroelectronics BLUENRG-2 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 190 page
background image
Absolute maximum ratings and thermal data
BlueNRG-2
166/190
DocID030675 Rev 2
7
Absolute maximum ratings and thermal data
Table 213: Absolute maximum ratings
Pin
Parameter
Value
Unit
5, 19, 24, 26, 28
DC-DC converter supply voltage input and output
-0.3 to +3.9
V
12, 29
DC voltage on linear voltage regulator
-0.3 to +3.9
V
1, 2, 3, 4, 6, 7, 8, 9, 10, 11,
25, 27, 30, 31, 32
DC voltage on digital input/output pins
-0.3 to +3.9
V
13, 14, 15,16
DC voltage on analog pins
-0.3 to +3.9
V
17, 18, 22, 23
DC voltage on XTAL pins
-0.3 to +1.4
V
20, 21
DC voltage on RF pins
-0.3 to +1.4
V
TSTG
Storage temperature range
-40 to +125
°C
VESD-HBM
Electrostatic discharge voltage
±2.0
kV
Absolute maximum ratings are those values above which damage to the device
may occur. Functional operation under these conditions is not implied. All voltages
are referred to GND.
Table 214: Thermal data
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal resistance junction-ambient
34 (QFN32)
50 (WLCSP34)
°C/W
Rthj-c
Thermal resistance junction-case
2.5 (QFN32)
25 (WLCSP34)
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com