Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 170 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 166Page - STMicroelectronics BLUENRG-2 Datasheet HTML 167Page - STMicroelectronics BLUENRG-2 Datasheet HTML 168Page - STMicroelectronics BLUENRG-2 Datasheet HTML 169Page - STMicroelectronics BLUENRG-2 Datasheet HTML 170Page - STMicroelectronics BLUENRG-2 Datasheet HTML 171Page - STMicroelectronics BLUENRG-2 Datasheet HTML 172Page - STMicroelectronics BLUENRG-2 Datasheet HTML 173Page - STMicroelectronics BLUENRG-2 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 190 page
background image
Electrical specifications
BlueNRG-2
170/190
DocID030675 Rev 2
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
TC1 (VOH = 1.72V)
6.7
12.9
21.6
mA
TC2 (VOH = 1.35V)
2.4
5.5
10.1
mA
IOH (Very high drive strength)
TC (VOH = 2.4V)
15.2
29.4
48.6
mA
TC1 (VOH = 1.72V)
10.3
19.8
33.1
mA
TC2 (VOH = 1.35V)
3.7
8.4
15.5
mA
9.1.1
Peripheral current consumption
Table 218: Peripheral current consumption
Peripheral
Typical consumption
VDD = 3.0 V, TA = 25 °C
Unit
GPIO
11.6
μA
Flash controller
6.3
System controller
0.2
UART
82.3
SPI
46.5
Watchdog
3.6
ADC
6.3
I2C1
95.9
I2C2
97.1
MFT1
5.4
MFT2
6.2
RTC
7.5
DMA
16.3
RNC
21.7
PKA
23.7
The values are calculated as the increment to the current consumption when the
peripheral is activated. The peripheral is activated if the related clock is provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com