Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 174 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 170Page - STMicroelectronics BLUENRG-2 Datasheet HTML 171Page - STMicroelectronics BLUENRG-2 Datasheet HTML 172Page - STMicroelectronics BLUENRG-2 Datasheet HTML 173Page - STMicroelectronics BLUENRG-2 Datasheet HTML 174Page - STMicroelectronics BLUENRG-2 Datasheet HTML 175Page - STMicroelectronics BLUENRG-2 Datasheet HTML 176Page - STMicroelectronics BLUENRG-2 Datasheet HTML 177Page - STMicroelectronics BLUENRG-2 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 190 page
background image
Electrical specifications
BlueNRG-2
174/190
DocID030675 Rev 2
Figure 29: High speed oscillator block diagram
Low power consumption and fast startup time is achieved by choosing a quartz crystal with
a low load capacitance C0. A reasonable choice for capacitor C0 is 12 pF. To achieve good
frequency stability, the following equation needs to be satisfied:
∁0=
∁1′ ∗ ∁2′
∁1 + ∁2
Where C1
’=C1+CPCB1+CPAD, C2’= C2+CPCB2+CPAD, where C1 and C2 are external (SMD)
components, CPCB1 and CPCB2 are PCB routing parasites and CPAD is the equivalent small-
signal pad-capacitance. The value of CPAD is around 0.5 pF for each pad. The routing
parasites should be minimized by placing quartz and C1/C2 capacitors close to the chip, not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com