Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 176 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 172Page - STMicroelectronics BLUENRG-2 Datasheet HTML 173Page - STMicroelectronics BLUENRG-2 Datasheet HTML 174Page - STMicroelectronics BLUENRG-2 Datasheet HTML 175Page - STMicroelectronics BLUENRG-2 Datasheet HTML 176Page - STMicroelectronics BLUENRG-2 Datasheet HTML 177Page - STMicroelectronics BLUENRG-2 Datasheet HTML 178Page - STMicroelectronics BLUENRG-2 Datasheet HTML 179Page - STMicroelectronics BLUENRG-2 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 190 page
background image
Electrical specifications
BlueNRG-2
176/190
DocID030675 Rev 2
9.9
N-fractional frequency synthesizer characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT =3.0 V, fc = 2440 MHz.
Table 226: N-Fractional frequency synthesizer characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PNSYNTH
RF carrier phase noise
At ±1 MHz offset from carrier
–
-113
–
dBc/Hz
At ±3 MHz offset from carrier
–
-119
–
dBc/Hz
LOCKTIME
PLL lock time
–
–
40
µs
TOTIME
PLL turn on / hop time
Including calibration
–
–
150
µs
9.10
Auxiliary blocks characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical values are referenced to TA = 25 °C, VBAT =3.0 V, f_ADCclk=1 MHz. QFN32
package version.
Table 227: Auxiliary blocks characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Analog-to-digital converter (ADC)
VDDA
Analog supply
voltage
1.7
3.0
3.6
V
IDDA, AVG
Analog supply
current
Average current during
conversion
–
–
0.460
mA
VINP, iNN
Input pin
voltage
With input attenuator
-50
mV
–
(VBAT+50
mV) / Input
attenuation
V
SNR Diff
Signal to noise
ratio
Differential input, with
Vbias = 0.6V, OSR =
200, PGA=0 dB.
Sinewave with
VinDC=0.6V, Vpeak diff
= 0.85 V, Fin = 1KHz
–
74
–
dB
SNR SE 1
Signal to noise
ratio
Single ended input, with
Vbias = 0.6V, OSR =
200, PGA=0 dB.
Sinewave with
VinDC=0.6V, Vpeak =
0.425 V, Fin = 1KHz
–
70
–
dB
SNR SE 2
Signal to noise
ratio
Single ended input, with
Vbias = 1.2V, OSR =
200, PGA=0 dB.
Sinewave with
VinDC=1.2V, Vpeak =
0.85 V, Fin = 1KHz
–
74
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com