Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 175 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 171Page - STMicroelectronics BLUENRG-2 Datasheet HTML 172Page - STMicroelectronics BLUENRG-2 Datasheet HTML 173Page - STMicroelectronics BLUENRG-2 Datasheet HTML 174Page - STMicroelectronics BLUENRG-2 Datasheet HTML 175Page - STMicroelectronics BLUENRG-2 Datasheet HTML 176Page - STMicroelectronics BLUENRG-2 Datasheet HTML 177Page - STMicroelectronics BLUENRG-2 Datasheet HTML 178Page - STMicroelectronics BLUENRG-2 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 190 page
background image
BlueNRG-2
Electrical specifications
DocID030675 Rev 2
175/190
only for an easier matching of the load capacitance C0, but also to ensure robustness
against noise injection. Connect each capacitor of the Xtal oscillator to ground by a
separate vias.
9.6
Low speed crystal oscillator characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT =3.0 V.
Table 223: Low speed crystal oscillator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal
frequency
–
32.768
–
kHz
fTOL
Frequency
tolerance
Includes initial accuracy, stability over
temperature, aging and frequency
pulling due to incorrect load
capacitance.
–
–
±50
ppm
ESR
Equivalent
series
resistance
–
–
90
kΩ
PD
Drive level
–
–
0.1
µW
These values are the correct ones for NX3215SA-32.768 kHz-EXS00A-MU00003.
9.7
High speed ring oscillator characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT =3.0 V, QFN32 package version.
Table 224: High speed ring oscillator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
WLCSP34
–
14
–
MHz
QFN32
–
13.6
–
9.8
Low speed ring oscillator characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT =3.0 V, QFN32 package version.
Table 225: Low speed ring oscillator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
32 kHz ring oscillator (LSROSC)
fNOM
Nominal frequency
–
37.4
–
kHz
fTOL
Frequency tolerance
–
–
±500
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com