Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 177 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 173Page - STMicroelectronics BLUENRG-2 Datasheet HTML 174Page - STMicroelectronics BLUENRG-2 Datasheet HTML 175Page - STMicroelectronics BLUENRG-2 Datasheet HTML 176Page - STMicroelectronics BLUENRG-2 Datasheet HTML 177Page - STMicroelectronics BLUENRG-2 Datasheet HTML 178Page - STMicroelectronics BLUENRG-2 Datasheet HTML 179Page - STMicroelectronics BLUENRG-2 Datasheet HTML 180Page - STMicroelectronics BLUENRG-2 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 190 page
background image
BlueNRG-2
Electrical specifications
DocID030675 Rev 2
177/190
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ENOB Diff
Effective
number of bits
Differential input, with
Vbias = 0.6V, OSR =
200, PGA=0 dB.
Sinewave with
VinDC=0.6V, Vpeak diff
= 0.85 V, Fin = 1KHz
–
12
–
bit
ENOB SE 1a
Effective
number of bits
Single ended input, with
Vbias = 0.6V, OSR =
200, PGA=0 dB.
Sinewave with
VinDC=0.6V, Vpeak =
0.425 V, Fin = 1KHz
–
8.5
–
bit
ENOB SE 1b
Effective
number of bits
Single ended input, with
Vbias = 0.6V, OSR =
200, PGA=0 dB.
Sinewave with
VinDC=0.6V, Vpeak =
0.15 V, Fin = 1KHz
–
9.5
–
bit
ENOB SE 2a
Effective
number of bits
Single ended input, with
Vbias = 1.2V, OSR =
200, PGA=0 dB.
Sinewave with
VinDC=1.2V, Vpeak =
0.85V, Fin = 1KHz
–
8.5
–
bit
ENOB SE 2b
Effective
number of bits
Single ended input, with
Vbias = 1.2V, OSR =
200, PGA=0 dB.
Sinewave with
VinDC=1.2V, Vpeak =
0.3 V, Fin = 1KHz
–
9.5
–
bit
Analog temperature sensor
TRANGE
Temperature
range
-40
–
+105
°C
TERR
Error in
temperature
(after calibration)
-4
0
+4
°C
TSLOPE
Temperature
coefficient
–
3.1
–
mV/°C
Battery level indicator and brown-out Reset (BOR)
VBLTRANGE
Battery level
indicator range
1.8
3.6
V
VBLTERR
Battery level
indicator error
(after
calibration)
-150
150
mV
VBLT1
Battery level
thresholds 1
–
2.7
–
V
VBLT2
Battery level
thresholds 2
–
2.5
–
V
VBLT3
Battery level
thresholds 3
–
2.3
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com