Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 181 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 177Page - STMicroelectronics BLUENRG-2 Datasheet HTML 178Page - STMicroelectronics BLUENRG-2 Datasheet HTML 179Page - STMicroelectronics BLUENRG-2 Datasheet HTML 180Page - STMicroelectronics BLUENRG-2 Datasheet HTML 181Page - STMicroelectronics BLUENRG-2 Datasheet HTML 182Page - STMicroelectronics BLUENRG-2 Datasheet HTML 183Page - STMicroelectronics BLUENRG-2 Datasheet HTML 184Page - STMicroelectronics BLUENRG-2 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 190 page
background image
BlueNRG-2
Package information
DocID030675 Rev 2
181/190
Table 228: QFN32 (5 x 5 x 1 pitch 0.5 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.85
1.00
A1
0
0.02
0.05
A3
0.20 REF
b
0.25
0.25
0.30
D
5.00 BSC
E
5.00 BSC
D2
3.2
3.70
E2
3.2
3.70
e
0.5 BSC
L
0.30
0.40
0.50
Ф
0°
14°
K
0.20
Figure 31: QFN32 (5 x 5 x 1 pitch 0.5 mm) package detail "A"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com