Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 172 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 168Page - STMicroelectronics BLUENRG-2 Datasheet HTML 169Page - STMicroelectronics BLUENRG-2 Datasheet HTML 170Page - STMicroelectronics BLUENRG-2 Datasheet HTML 171Page - STMicroelectronics BLUENRG-2 Datasheet HTML 172Page - STMicroelectronics BLUENRG-2 Datasheet HTML 173Page - STMicroelectronics BLUENRG-2 Datasheet HTML 174Page - STMicroelectronics BLUENRG-2 Datasheet HTML 175Page - STMicroelectronics BLUENRG-2 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 190 page
background image
Electrical specifications
BlueNRG-2
172/190
DocID030675 Rev 2
Table 221: RF receiver characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RXSENS
Sensitivity
BER <0.1%
-88
dBm
PSAT
Saturation
BER <0.1%
11
dBm
zIN
Input differential impedance
@ 2440 MHz
25.5-
j14.2
Ω
RF selectivity with BLE equal modulation on interfering signal
C/ICO-
channel
Co-channel interference
Wanted signal =
-
67 dBm, BER ≤
0.1%
6
dBc
C/I1 MHz
Adjacent (+1 MHz) interference
Wanted signal =
-67 dBm,
BER≤0.1%
0
dBc
C/I2 MHz
Adjacent (+2 MHz) interference
Wanted signal =
-67 dBm,
BER ≤
0.1%
-40
dBc
C/I3 MHz
Adjacent (+3 MHz) interference
Wanted signal =
-
67 dBm, BER ≤
0.1%
-47
dBc
C/I≥4 MHz
Adjacent (≥ ± 4 MHz)
interference
Wanted signal =
-
67 dBm, BER ≤
0.1%
-46
dBc
C/I≥6 MHz
Adjacent (≥ ± 6 MHz)
interference
Wanted signal= -67
dBm BER ≤ 0.1%
-48
dBc
C/I≥25 MHz
Adjacent (≥ ±25 MHz)
interference
Wanted signal= -67
dBm, BER ≤ 0.1%
-70
dBc
C/IImage
Image frequency interference
-2 MHz
Wanted signal =
-
67 dBm, BER ≤
0.1%
-16
dBc
C/IImage±1
MHz
Adjacent (±1 MHz) interference
to in-band image frequency
-1 MHz
-3 MHz
Wanted signal =
-
67 dBm, BER ≤
0.1%
0
-23
dBc
Intermodulation characteristics (CW signal at f1, BLE interfering signal at f2)
P_IM(3)
Input power of IM interferes at
3 and 6 MHz distance from
wanted signal
Wanted signal =
-64
dBm, BER ≤
0.1%
-34
dBm
P_IM(-3)
Input power of IM interferes at -
3 and -6 MHz distance from
wanted signal
Wanted signal =
-
64 dBm, BER ≤
0.1%
-48
dBm
P_IM(4)
Input power of IM interferes at
±4 and ±8 MHz distance from
wanted signal
Wanted signal =
-
64 dBm, BER ≤
0.1%
-34
dBm
P_IM(5)
Input power of IM interferes at
±5 and ±10 MHz distance from
wanted signal
Wanted signal =
-
64 dBm, BER ≤
0.1%
-34
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com