Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 2 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 2 Page - Microchip Technology

  MEC1632 Datasheet HTML 1Page - Microchip Technology MEC1632 Datasheet HTML 2Page - Microchip Technology MEC1632 Datasheet HTML 3Page - Microchip Technology MEC1632 Datasheet HTML 4Page - Microchip Technology MEC1632 Datasheet HTML 5Page - Microchip Technology MEC1632 Datasheet HTML 6Page - Microchip Technology MEC1632 Datasheet HTML 7Page - Microchip Technology MEC1632 Datasheet HTML 8Page - Microchip Technology MEC1632 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 636 page
background image
MEC1632
DS00001592B-page 2
 2012-2018 Microchip Technology Inc.
• 18 x 8 Interrupt Capable Multiplexed Keyboard
Scan Matrix
- Optional Push-Pull Drive for Fast Signal
Switching
• Three independent Hardware Driven PS/2 Ports
- Fully functional on Main and/or Suspend
Power
- PS/2 Edge Wake Capable
• General Purpose I/O Pins
- 142 GPIOs
- 8 GPIO Pass-Through Port (GPTP)
- Glitch protection on all GPIO pins
-6 Battery-powered General Purpose Outputs
• Low Power Programmable LED Interface
- Supports three modes of operation:
- Blinking Mode with Programmable Blink Rates
- Breathing LED Output
-8-bit PWM
- Breathing LED Supports Piecewise-linear
Brightness Curves, Symmetric or Asymmetric
- Supports Low Power Operation in Blinking
and Breathing Modes
- Operates on Standby Power
- Operates in Chip's System Deepest Sleep State on
32kHz standby clock
- Operational in EC Sleep State
- Provides Three LED pins
- LED pin buffers capable of sinking up to 20 mA
• Programmable 16-bit Counter/Timer Interface
- Four Wake-capable 16-bit Auto-reloading
Counter/Timer Instances
- Four Operating Modes per Instance: Timer,
One-shot, Event and Measurement
- 4 External Inputs, 4 External Outputs
• Hibernation Timer Interface
- Two 32.768 KHz Driven Timers
- Programmable Wake-up from 0.5ms to 128
Minutes
• System Watch Dog Timer (WDT)
• Input Capture and Compare Timer
- 32-bit Free-running timer
- Six 32-bit Capture Registers
- Two 32-bit Compare Registers
- Capture, Compare and Overflow Interrupts
• BC-Link Interconnection Bus
- Two High Speed and one Low Speed Bus
Masters Controllers
• Two General Purpose Serial Peripheral Interface
Controllers (ECGP-SPI)
- One 3-pin EC-driven Full Duplex Serial Com-
munication Interface
- One 4-pin EC/Host-driven Full Duplex Serial
Communication Interface to SPI Flash Inter-
face
- Flexible Clock Rates
- SPI Burst Capable
• FAN Support
- Six Programmable Pulse-Width Modulator
(PWM) Outputs
- Multiple Clock Rates
- 16-Bit ‘On’ & 16-Bit ‘Off’ Counters
- Six Fan Tachometer Inputs
- 6 x 2 Capture/Compare Timer Interface
• ADC Interface
- 10-bit Conversion in 10
s
- 16 Channels
- Integral Non-Linearity of ±0.5 LSB; Differen-
tial Non-Linearity of ±0.5 LSB
• 2-Pin Debug Port with Standard 16C550 Register
Interface
- Accessible from Host and EC
- Programmable Input/output Pin Polarity
Inversion
- Programmable Main Power or Standby
Power Functionality
• Port 80h Debug Ports for BIOS Debug
- Two Ports, Assignable to Any LPC IO
Address
- 24-bit Timestamp with Adjustable Timebase
- 16-Entry FIFO
• Resistor/Capacitor Identification Detection
(RC_ID)
- Single Pin Interface to External Inexpensive
RC Circuit
- Replacement for Multiple GPIO’s
- Provides 8 Quantized States on One Pin
• Integrated Standby Power Reset Generator
- Reset Input Pin
- Reset Output Pin
• HDMI Consumer Electronics Control (CEC) Bus
Controller
• Clock Generator
- 32.768KHz Clock Source
- Low power 32KHz crystal oscillator
- Optional use of a crystal-free silicon oscillator with
±2% Accuracy
- Optional use of 32.768 KHz input Clock
- Operational on Suspend Power
- Programmable Clock Power Management
Control & Distribution
- 20.27 MHz silicon oscillator, ±2% Accuracy
• Real Time Clock
• Package
- 169 Pin LFBGA RoHS Compliant package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com