Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 71 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 71 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 67Page - Microchip Technology MEC1632 Datasheet HTML 68Page - Microchip Technology MEC1632 Datasheet HTML 69Page - Microchip Technology MEC1632 Datasheet HTML 70Page - Microchip Technology MEC1632 Datasheet HTML 71Page - Microchip Technology MEC1632 Datasheet HTML 72Page - Microchip Technology MEC1632 Datasheet HTML 73Page - Microchip Technology MEC1632 Datasheet HTML 74Page - Microchip Technology MEC1632 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 71
MEC1632
5.6.6
MAPPING LPC MEMORY ADDRESSES
This section is the same as Mapping LPC I/O Addresses on page 67 except that the LPC memory cycle address is 32
bit instead of the I/O cycle 16 bit.
5.6.7
MEMORY BASE ADDRESS REGISTER TABLE
Table 5-6, "Base Address Registers Default Values", lists the Base Address Registers for logical devices which have
LPC memory access in the MEC1632.
• LPC Memory cycle access is controlled by LPC Memory Base Address Registers. LPC Memory BAR registers are
located in LDN Ch (LPC Interface) at AHB base address FF_3000h starting at offset 3C0h.
Note 5-3
The Mask and Frame fields of all logical devices are read-only except for 2h (ACPI EC Channel 0).
5.7
SERIRQ Interrupts
The MEC1632 can routes Logical Device interrupts onto SIRQ stream frames IRQ[0:15]. Routing is controlled by the
SIRQ Interrupt Configuration Registers. There is one SIRQ Interrupt Configuration Register for each accessible SIRQ
Frame (IRQ); all 16 registers are listed in Table 5-9, "SIRQ Interrupt Configuration Register Map". Each SIRQ Interrupt
Configuration Register controls a series of multiplexors which route to a single Logical Device interrupt as illustrated in
FIGURE 5-2: SIRQ Routing Internal Logical Devices on page 73. The format for each SIRQ Interrupt Configuration Reg-
ister is described in Table 5-10. Each Logical Device can have up to two LPC SERIRQ interrupts. When the MEC1632
is polled by the host, each SIRQ frame routes the level of the Logical Device interrupt (selected by the corresponding
SIRQ Interrupt Configuration Register) to the SIRQ stream. See
The SIRQ Interrupt Configuration Register The Host can access the Interrupt Configuration registers with 8-bit
accesses. The EC can access the Interrupt Configuration registers as four 32-bit registers, eight 16-bit registers or six-
teen 8-bit registers.
TABLE 5-8:
MEMORY BASE ADDRESS REGISTERS DEFAULT VALUES
Block
LDN
Memory Bar's
AHB Address
in CR Space (Hex)
Memory Bar's
LPC Offset in CR
Space (Hex)
Memory Bar's Default
Value (Hex)
Memory Bar
Decodes AHB
ADDR (HEX)
Mailbox
0
FF33C0h
C0h
0000_0000_0001h
FF0000
ACPIEC0
2
FF33C6h
C6h
0000_0062_0204h
FF0800
ACPIEC1
3
FF33CCh
CCh
0000_0062_0307h
FF0C00
ACPIEC2
4
FF33D2h
D2h
0000_0062_0407h
FF1000
ACPIEC3
5
FF33D8h
D8h
0000_0062_0507h
FF1400
Flash
E
FF33DEh
DEh
0000_0000_0E04h
FF3800
EMI
10
FF33E4h
E4h
0000_0000_100Fh
FF4000
Note:
Two Logical Devices cannot share a Serial IRQ.
Note:
An interrupt is deactivated by setting an entry in the SIRQ Interrupt Configuration Register Map to FFh,
which is the default reset value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com