Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 62 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 58Page - Microchip Technology MEC1632 Datasheet HTML 59Page - Microchip Technology MEC1632 Datasheet HTML 60Page - Microchip Technology MEC1632 Datasheet HTML 61Page - Microchip Technology MEC1632 Datasheet HTML 62Page - Microchip Technology MEC1632 Datasheet HTML 63Page - Microchip Technology MEC1632 Datasheet HTML 64Page - Microchip Technology MEC1632 Datasheet HTML 65Page - Microchip Technology MEC1632 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 636 page
background image
MEC1632
DS00001592B-page 62
 2012-2018 Microchip Technology Inc.
LPC Firmware Hub cycles and LPC Memory cycles are mapped into the address range 80_0000h to FF_FFFFh. This
range is mapped into the off-chip SPI Flash memory.
Because the EC does not require the mapping mechanism required for translating LPC Runtime Registers, Configura-
tion Registers and DMA channels, it accesses each 1KB frame uniformly. All Logical Devices located on the EC-only
AHB (those in the address range F0_0000h through F0_FFFFh) have a flat, 1KB frame.
For details on LPC address mapping to the MEC1632 address space, see Section 6.0, "Host Interface," on page 79.
4.4.3
AHB BUS ERRORS
AHB bus requests by both the Host, through the LPC bus, and the EC, can be terminated with an AHB bus error. The
handling of bus errors by the EC is described in the ARCompact™ Instruction Set Architecture: Programmer’s Refer-
ence
.
Bus errors may be caused by:
• EC I/O requests that lie outside the range of the Data Closely Coupled Memory, the EC SPB or the AHB-AHB
bridge
• I/O requests to either the Host SPB or the EC SPB that map to a non-existent Logical Device
• I/O requests to an invalid register address within a valid Logical Device on either the EC SPB or the Host SPB
4.5
Peripheral Buses (SPB)
The Peripheral Bus (SPB) is a byte-addressable bus with a 16-bit address space and a 32-bit data path. All accesses
must be aligned to the data-size boundaries. The SPB supports 32-bit, 16-bit and 8-bit accesses. All peripheral
accesses are 32-bits wide, so that if a peripheral cannot transfer more than 8 bits of a register in one I/O access, register
addresses should all be on 32-bit boundaries even though the upper bits (bits 31 through 8) are always zero. The SPB
will not assemble a 32-bit word out of multiple 8-bit accesses.
SPB transfers take two cycles, so that a read or write on the AHB to a register on the SPB will take a total of three cycles.
The SPB contains an 8-bit word address, four byte lane strobes and up to 64 logical device select strobes. Data on the
SPB read and write buses are always 32-bit aligned, with the byte strobes indicating which byte lane or lanes should be
active during a transaction. An SPB peripheral must steer bytes, based on the byte strobes, to the correct byte lane.
There are two SPB bridges forwarded to two SPB (busses):
LPC SPB
The LPC SPB address range is FF_0000h - FF_BFFFh and FF_C400h - FF_FFFFh.
EC SPB
The EC SPB address range is F0_0000h through F0_FFFFh
TABLE 4-5:
LPC TO MEC1632 ADDRESS MAPPING
Type of Access
Address Bit Mapping
LPC I/O Access
Runtime Registers
Address bits[9:8] = 00b
Address bits[23:10] set from map
No LPC Access
EC-only registers
Address bits[9:8] = 01b
LPC I/O Access through Configuration Access Port
Configuration Registers
Address bits[9:8] = 11b
Address bits[23:10] set from map
LPC DMA Access
Address bits[9:8] = 10b
Address bits[23:10] set from map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com