Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 76 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 76 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 72Page - Microchip Technology MEC1632 Datasheet HTML 73Page - Microchip Technology MEC1632 Datasheet HTML 74Page - Microchip Technology MEC1632 Datasheet HTML 75Page - Microchip Technology MEC1632 Datasheet HTML 76Page - Microchip Technology MEC1632 Datasheet HTML 77Page - Microchip Technology MEC1632 Datasheet HTML 78Page - Microchip Technology MEC1632 Datasheet HTML 79Page - Microchip Technology MEC1632 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 636 page
background image
MEC1632
DS00001592B-page 76
 2012-2018 Microchip Technology Inc.
47h
347h
R/W
FFh on nSIO_RESET SIRQ IRQ7 Configuration Register
48h
348h
R/W
FFh on nSIO_RESET SIRQ IRQ8 Configuration Register
49h
349h
R/W
FFh on nSIO_RESET SIRQ IRQ9 Configuration Register
4Ah
34Ah
R/W
FFh on nSIO_RESET SIRQ IRQ10 Configuration Register
4Bh
34Bh
R/W
FFh on nSIO_RESET SIRQ IRQ11 Configuration Register
4Ch
34Ch
R/W
FFh on nSIO_RESET SIRQ IRQ12 Configuration Register
4Dh
34Dh
R/W
FFh on nSIO_RESET SIRQ IRQ13 Configuration Register
4Eh
34Eh
R/W
FFh on nSIO_RESET SIRQ IRQ14 Configuration Register
4Fh
34Fh
R/W
FFh on nSIO_RESET SIRQ IRQ15 Configuration Register
50h - 5Fh
350h
R/W
00h on nSIO_RESET Reserved
60h - 63h
360h
R/W / R
002E_0C01h on
nSIO_RESET
BAR for Configuration Port
64h - 67h
364h
R/W / R
0000_0001h on
nSIO_RESET
BAR for Mailbox
68h - 6Bh
368h
R/W / R
0060_0104h on
nSIO_RESET
BAR for 8042/Keyboard Interface
6Ch - 6Fh
36Ch
R/W / R
0062_0204h on
nSIO_RESET
BAR for ACPI EC Interface 0
(See Note 5-1 on page 69)
70h - 73h
370h
R/W / R
0062_0307h on
nSIO_RESET
BAR for ACPI EC Interface 1
(See Note 5-2 on page 69)
74h - 77h
374h
R/W / R
0062_0407h on
nSIO_RESET
BAR for ACPI EC Interface 2
(See Note 5-2 on page 69)
78h - 7Bh
378h
R/W / R
0062_0507h on
nSIO_RESET
BAR for ACPI EC Interface 3
(See Note 5-2 on page 69)
7Ch - 7Fh
37Ch
R/W / R
0000_0607h on
nSIO_RESET
BAR for ACPI PM1 Interface
80h - 83h
380h
R/W / R
0000_0707h on
nSIO_RESET
BAR for UART
84h - 87h
384h
R/W / R
0092_0800h on
nSIO_RESET
BAR for Legacy (Fast KYBD) Interface
88h - 8Bh
388h
R/W / R
0000_0E04h on
nSIO_RESET
BAR for Embedded Flash Interface
8Ch - 8Fh
38Ch
R/W / R
0000_0F07h on
nSIO_RESET
BAR for GP-SPI Interface
90h - 93h
390h
R/W / R
0000_100F on
nSIO_RESET
BAR for EM Interface
94h - 97h
394h
R/W / R
15E0_301F on
nSIO_RESET
Reserved
98h - 9Bh
398h
R/W / R
0000_2000 on
nSIO_RESET
BAR for Port 80 BIOS Debug Port 0
9Ch - 9Fh
39Ch
R/W / R
0000_2100 on
nSIO_RESET
BAR for Port 80 BIOS Debug Port 1
A0h - A3h
3A0h
R/W / R
0000_111F on
nSIO_RESET
BAR for RTC
B0h - BFh
3B0h -
3BFh
R
0000_0000 on
nSIO_RESET
Reserved
C0h - C5h
3C0h
R/W / R
0000_0000_0001h on
nSIO_RESET
Memory BAR for Mailbox
TABLE 5-14:
MEC1632 CONFIGURATION REGISTER MAP (CONTINUED)
LPC CR
Index
AHB
Offset
Type
Note 5-5
Reset
Note 5-6
Configuration Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com