Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 75 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 75 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 71Page - Microchip Technology MEC1632 Datasheet HTML 72Page - Microchip Technology MEC1632 Datasheet HTML 73Page - Microchip Technology MEC1632 Datasheet HTML 74Page - Microchip Technology MEC1632 Datasheet HTML 75Page - Microchip Technology MEC1632 Datasheet HTML 76Page - Microchip Technology MEC1632 Datasheet HTML 77Page - Microchip Technology MEC1632 Datasheet HTML 78Page - Microchip Technology MEC1632 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 75
MEC1632
The Configuration Register address mapping is illustrated in:
FIGURE 5-3:
CONFIGURATION REGISTER MAPPING
TABLE 5-14:
MEC1632 CONFIGURATION REGISTER MAP
LPC CR
Index
AHB
Offset
Type
Note 5-5
Reset
Note 5-6
Configuration Register Name
Configuration Registers for LDN
0h (Mailbox Interface) at AHB base address FF_0000h
--
-
-
None
Configuration Registers for LDN
1h (Keyboard Controller (8042)) at AHB base address FF_0400h
30h
330h
R/W
00h on nSYS_RST
Activate Register
Configuration Registers for LDN
2h (ACPI EC Channel 0) at AHB base address FF_0800h
--
-
-
None
Configuration Registers for LDN
3h (ACPI EC Channel 1) at AHB base address FF_0C00h
--
-
-
None
Configuration Registers for LDN
4h (ACPI EC Channel 2) at AHB base address FF_1000h
--
-
-
None
Configuration Registers for LDN
5h (ACPI EC Channel 3) at AHB base address FF_1400h
--
-
-
None
Configuration Registers for LDN
6h (ACPI PM1) at AHB base address FF_1800h
--
-
-
None
Configuration Registers for LDN
7h (UART) at AHB base address FF_1C00h
30h
330h
R/W
00h on nSYS_RST
Activate Register
F0h
3F0h
R/W
00h on nSYS_RST
Configuration Select Register
Configuration Registers for LDN
8h (Legacy (Fast KB)) at AHB base address FF_2000h
30h
330h
R/W
00h on nSYS_RST
PORT92 Enable Register
Configuration Registers for LDN
Ch (LPC Interface) at AHB base address FF_3000h
30h
330h
R/W
00h on nSYS_RST
Activate Register
40h
340h
R/W
FFh on nSIO_RESET SIRQ IRQ0 Configuration Register
41h
341h
R/W
FFh on nSIO_RESET SIRQ IRQ1 Configuration Register
42h
342h
R/W
FFh on nSIO_RESET SIRQ IRQ2 (nSMI) Configuration Register
43h
343h
R/W
FFh on nSIO_RESET SIRQ IRQ3 Configuration Register
44h
344h
R/W
FFh on nSIO_RESET SIRQ IRQ4 Configuration Register
45h
345h
R/W
FFh on nSIO_RESET SIRQ IRQ5 Configuration Register
46h
346h
R/W
FFh on nSIO_RESET SIRQ IRQ6 Configuration Register
LDN[5:0]
INDEX
0
7
9
10
15
16
23
~L = ~LDN[6]
1 1 1 111 11
1 1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com