Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 90 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 90 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 86Page - Microchip Technology MEC1632 Datasheet HTML 87Page - Microchip Technology MEC1632 Datasheet HTML 88Page - Microchip Technology MEC1632 Datasheet HTML 89Page - Microchip Technology MEC1632 Datasheet HTML 90Page - Microchip Technology MEC1632 Datasheet HTML 91Page - Microchip Technology MEC1632 Datasheet HTML 92Page - Microchip Technology MEC1632 Datasheet HTML 93Page - Microchip Technology MEC1632 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 636 page
background image
MEC1632
DS00001592B-page 90
 2012-2018 Microchip Technology Inc.
6.10.1
LPC BUS MONITOR REGISTER
LPCPD_STATUS
This bit reflects the state of the LPCPD# input pin. The LPCPD_Status is the inverse of the LPCPD# pin (see Section
6.7, "LPC Clock Run and LPC Power Down Behavior," on page 84).
When the LPCPD_Status bit is ‘0b’, the LPCPD# input pin is de-asserted (that is, the pin has the value ‘1b’). When the
LPCPD_Status bit is ‘1b’, the LPCPD# input pin is asserted (that is, the pin has the value ‘0b’).
An interrupt to the EC will be generated on either edge of LPCPD#. See Section 6.5, "Host Interrupts to EC," on page 84.
LRESET_STATUS
This bit reflects the state of the LRESET# input pin. The LRESET_Status is the inverse of the LRESET# pin (see Section
6.2.3, "Resets," on page 81).
When the LRESET_Status bit is ‘0b’, the LRESET# input pin is de-asserted (that is, the pin has the value ‘1b’). When
the LRESET_Status bit is ‘1b’, the LRESET# input pin is asserted (that is, the pin has the value ‘0b’).
An interrupt to the EC will be generated on either edge of LRESET#. See Section 6.5, "Host Interrupts to EC," on
page 84.
TABLE 6-8:
LPC BUS MONITOR REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC ADDRESS
FF_3104h
32-bit EC SIZE
POWER
VTR
00h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE[3:1] BIT
D31
D30
D29
…
D10
D9
D8
HOST TYPE
--
-
-
-
-
-
-
EC TYPE
RR
R
R
R
R
R
R
BIT NAME
Reserved
BYTE0 BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
--
-
-
-
-
-
-
EC TYPE
RR
R
R
R
R
R
R
BIT NAME
Reserved
LRESET_
Status
LPCPD_
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com