Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 86 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 86 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 82Page - Microchip Technology MEC1632 Datasheet HTML 83Page - Microchip Technology MEC1632 Datasheet HTML 84Page - Microchip Technology MEC1632 Datasheet HTML 85Page - Microchip Technology MEC1632 Datasheet HTML 86Page - Microchip Technology MEC1632 Datasheet HTML 87Page - Microchip Technology MEC1632 Datasheet HTML 88Page - Microchip Technology MEC1632 Datasheet HTML 89Page - Microchip Technology MEC1632 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 636 page
background image
MEC1632
DS00001592B-page 86
 2012-2018 Microchip Technology Inc.
6.8
Using Serial Interrupts
The MEC1632 will support the serial interrupt scheme, which is adopted by several companies, to transmit interrupt
information to the system. The serial interrupt scheme adheres to the Serial IRQ Specification for PCI Systems Version
6.0
.
TIMING DIAGRAMS for IRQSER CYCLE
PCICLK = 33 MHz_IN pin
IRQSER = SIRQ pin
Start Frame timing with source sampled a low pulse on IRQ1
Start Frame pulse can be 4-8 clocks wide.
Stop Frame Timing with Host using 17 IRQSER sampling period
Stop pulse is two clocks wide for Quiet mode, three clocks wide for Continuous mode.
There may be none, one, or more Idle states during the Stop Frame.
The next IRQSER cycle’s Start Frame pulse may or may not start immediately after the turn-around clock of the Stop
Frame.
FIGURE 6-5:
SERIAL INTERRUPTS WAVEFORM “START FRAME”
H=Host Control
SL=Slave Control
R=Recovery
T=Turn-around
S=Sample
FIGURE 6-6:
SERIAL INTERRUPT WAVEFORM “STOP FRAME”
H=Host Control
R=Recovery
T=Turn-around
S=Sample
I= Idle
RT
S
R
T
S
IRQSER
PCICLK
Host Controller
IRQ1
IRQ1
Drive Source
RT
None
IRQ0 FRAME IRQ1 FRAME
SR
T
IRQ2 FRAME
None
START
START FRAME
H
SL
or
H
1
SR
T
S
IRQSER
PCICLK
Host Controller
IRQ15
Driver
RT
None
IRQ14
IRQ15
SR
T
IOCHCK#
None
STOP
RT
STOP FRAME
H
I
START
NEXT CYCLE
1
2
3
FRAME
FRAME
FRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com