Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 70 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 70 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 66Page - Microchip Technology MEC1632 Datasheet HTML 67Page - Microchip Technology MEC1632 Datasheet HTML 68Page - Microchip Technology MEC1632 Datasheet HTML 69Page - Microchip Technology MEC1632 Datasheet HTML 70Page - Microchip Technology MEC1632 Datasheet HTML 71Page - Microchip Technology MEC1632 Datasheet HTML 72Page - Microchip Technology MEC1632 Datasheet HTML 73Page - Microchip Technology MEC1632 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 636 page
background image
MEC1632
DS00001592B-page 70
 2012-2018 Microchip Technology Inc.
5.6.5
MEMORY BASE ADDRESS REGISTERS
Each Logical Device has a Memory Base Address Register (M-BAR). These M-BARs are located in blocks of Configu-
ration Registers in Logical Device 0Ch, in the AHB address range FF_33C0h through FF_33FFh. On every LPC bus
Memory access all Base Address Registers are checked in parallel and if any matches the LPC memory address the
MEC1632 claims the bus cycle.
Each M-BAR is 48 bits wide. The format of each M-BAR is summarized in Table 5-7, "Memory Base Address Register
Format". An LPC memory request is translated by the M-BAR into an 8-bit read or write transaction on the AHB bus.
The 32-bit LPC memory address is translated into a 24-bit AHB address
The Base Address Register Table is itself part of the AHB address space. It resides in the Configuration quadrant of
Logical Device Ch, the LPC Interface.
MASK
These bits are used to mask off address bits in the address match between an LPC memory address and the Host
Address field of the BARs, as described in Section 5.6.6, "Mapping LPC Memory Addresses".
FRAME
These 6 bits are used to specify a logical device frame number within a bus. This field is multiplied by 400h to provide
the frame address within the peripheral bus address. In the MEC1632 Frame values for frames corresponding to logical
devices that are not present on the MEC1632 are invalid.
VALID
If this bit is 1, the BAR is valid and will participate in LPC matches. If it is 0 this BAR is ignored.
HOST_ADDRESS
These 32 bits are used to match LPC memory addresses.
Note:
Software should that insure that no two BARs map the same LPC memory address. If two BARs do map
to the same address, the BAR_Conflict bit in the Host Bus Error Register is set when an LPC access tar-
geting the BARConflict address. An EC interrupt can be generated.
TABLE 5-7:
MEMORY BASE ADDRESS REGISTER FORMAT
BYTE5 BIT
D47
D46
D45
D44
D43
D42
D41
D40
BIT NAME
LPC Host Address Bits[31:24]
BYTE4 BIT
D39
D38
D37
D36
D35
D34
D33
D32
BIT NAME
LPC Host Address Bits[23:16]
BYTE3 BIT
D31
D30
D29
D28
D27
D26
D25
D24
BIT NAME
LPC Host Address Bits[15:08]
BYTE2 BIT
D23
D22
D21
D20
D19
D18
D17
D16
BIT NAME
LPC Host Address Bits[07:00]
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
BIT NAME
Valid
Reserved
Frame
BYTE0 BIT
D7D6D5D4D3D2D1D0
BIT NAME
Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com